Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 8Page - Texas Instruments TMP139AIYAHR Datasheet HTML 9Page - Texas Instruments TMP139AIYAHR Datasheet HTML 10Page - Texas Instruments TMP139AIYAHR Datasheet HTML 11Page - Texas Instruments TMP139AIYAHR Datasheet HTML 12Page - Texas Instruments TMP139AIYAHR Datasheet HTML 13Page - Texas Instruments TMP139AIYAHR Datasheet HTML 14Page - Texas Instruments TMP139AIYAHR Datasheet HTML 15Page - Texas Instruments TMP139AIYAHR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
7.3.4 Bus Reset
The bus reset mechanism is supported by the TMP139, to prevent a device from locking up the serial bus. The
devices on the bus do not drive the SCL, therefore the bus reset mechanism uses the timeout scheme on the
SCL as shown in Figure 7-4. When the SCL is held low by the host controller for a time which is greater than
TTIMEOUT(max), TMP139 shall be reset and take the following action:
• Interface is reset, and as the bus reset is considered a Stop condition, any pending internal transaction is
also cleared.
• The TMP139 returns to I2C mode of operation, and resets the following registers:
– MR7 register, DEV_HID_CODE[2:0] is set to 3'b111.
– MR18 register, PEC_EN, PAR_DIS and INF_SEL are set to 1'b0.
– MR27 register, IBI_ERROR_EN is set to 1'b0.
– MR52 register, PEC_ERROR_STATUS and PAR_ERROR_STATUS are set to 1'b0.
• TMP139 does not resample the SA pin.
• TMP139 floats the SDA pin so that the bus controller can pull up the line.
SCL
SCL
SCL
tTIMEOUT(min)
tTIMEOUT(max)
Resets I
2C/I3C interface
Does not reset I
2C/I3C Interface
May or may not reset I
2C/I3C Interface
Figure 7-4. I2C or I3C Basic Bus Reset
7.3.5 Interrupt Generation
The TMP139 does not have a dedicated interrupt or alert pin, but instead supports interrupt generation using In
Band Interrupts (IBI) on the SDA pin. Interrupt generation using IBI is only supported during I3C mode of
operation. Hence the application must ensure that the device is first programmed to work in I3C mode before it
enables the IBI. As there are multiple devices on the I3C basic bus—each capable of generating an IBI—an
arbitration process is required.
The TMP139 generates an IBI only when it sees the bus in idle state for TAVAL. Once this condition is met, the
device pulls the SDA line low by TIBI_ISSUE to indicate to the host that it has an IBI. The host shall start by driving
the SCL low, which creates the Start bus condition. At this point the device shall send its device address on the
bus with the R/W bit set.
There can be a condition when the host starts a new bus transaction at the same time as the TMP139 is
generating an IBI. In such a case, the TMP139 shall arbitrate along with the host in the device address byte.
7.3.6 Parity Error Check
The parity error check implemented by the TMP139 is odd parity. In I2C mode, parity error check is not
supported except for supported common command codes (CCC). In I3C mode the parity error check is
supported for both CCC and host to device data transfers. The parity bit is only sent during the host write and the
TMP139 shall check the parity to ensure that the data or CCC it received is correct. The device implements odd
parity. If an odd number of bits in the byte are set as 1, the parity bit is set as 0. If an even number of bits in the
byte are set as 1, the parity bit is set as 1.
If there is a parity error during a data transfer or CCC, then the TMP139 shall drop the bytes after the parity error
is detected and shall wait for a Stop condition on the bus.
When a parity error is detected, the device shall set the IBI_STATUS bit in the MR48 register and
PAR_ERROR_STATUS bit in the MR52 register.
TMP139
SNIS217 – DECEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com