Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 13Page - Texas Instruments TMP139AIYAHR Datasheet HTML 14Page - Texas Instruments TMP139AIYAHR Datasheet HTML 15Page - Texas Instruments TMP139AIYAHR Datasheet HTML 16Page - Texas Instruments TMP139AIYAHR Datasheet HTML 17Page - Texas Instruments TMP139AIYAHR Datasheet HTML 18Page - Texas Instruments TMP139AIYAHR Datasheet HTML 19Page - Texas Instruments TMP139AIYAHR Datasheet HTML 20Page - Texas Instruments TMP139AIYAHR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
7.4.4 I3C Basic Mode Operation
As described in the previous section, I3C basic mode of operation is always entered from the I2C mode of
operation. When in the I3C basic mode, the device can support data transfer rates of up to 12.5 MHz with a
push-pull SDA driver. Additionally, the following may be supported by default or when enabled:
1. IBI: Disabled by default, the IBI can now be enabled.
2. Packet error check: Disabled by default, but the TMP139 can support the PEC feature when enabled by the
host.
3. Parity check: Is always enabled by default.
In I3C basic mode of operation, the read and write packets may have different structures. The structure of the
data payload shall be dependent on the feature that has been enabled.
7.4.4.1 Host I3C Write Operation without PEC
As shown in Figure 7-11 and Figure 7-12, an I3C basic write operation is the same as an I2C write operation. For
all bytes after the device address field, the 9th bit is the parity bit sent by the host. When the IBI is enabled by the
host, it must send the IBI header byte which consists of 7'h7E+R/W=0, before it sends the device address. This
allows the participating devices on the bus to arbitrate between themselves if more than one device has an
interrupt condition that needs to be communicated to the host.
S or Sr
0
SA
1
0
HID2
HID1
HID0
R/W=0
RA = Register Address [7:0]
ACK/NACK
Data(RA)
Data(RA+1)
...
T
T
T
T
Data(RA+N)
Sr or P
T
Figure 7-11. I3C Basic Mode Write
Sr
0
SA
1
0
HID2
HID1
HID0
R/W=0
RA = Register Address [7:0]
ACK/NACK
Data(RA)
Dat a(RA+1)
...
T
T
T
T
Dat a(RA+N)
Sr or P
T
S
1
1
1
1
1
1
0
R/W=0
ACK
Figure 7-12. I3C Basic Mode Write with IBI Header
If there is a parity error during the data transfer, the device shall discard all the bytes including the byte for which
parity error was detected and set the parity error condition. If the host attempts to start a new transaction with a
Repeated Start to the same device, then TMP139 shall NACK the device address to indicate an error condition
to the host. The host must first clear the parity error condition before performing any new transfer to the
TMP139. When IBI is enabled, the device can communicate to the host the error conditions seen, using IBI.
However when IBI is not enabled, it is strongly recommended that the host check the error status register to
ensure that no parity error was detected on the bus.
7.4.4.2 Host I3C Write Operation with PEC
As shown in Figure 7-13 and Figure 7-14, when the PEC is enabled by the host, an additional byte is added by
the host after sending the register address. The format for the additional byte is described in Table 7-5.
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com