Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP139AIYAHR Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TMP139AIYAHR
Description  TMP139 0.5 째C Accuracy, JEDEC DDR5 Grade B, Digital Temperature Sensor With I2C and I3C Interface
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP139AIYAHR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMP139AIYAHR Datasheet HTML 33Page - Texas Instruments TMP139AIYAHR Datasheet HTML 34Page - Texas Instruments TMP139AIYAHR Datasheet HTML 35Page - Texas Instruments TMP139AIYAHR Datasheet HTML 36Page - Texas Instruments TMP139AIYAHR Datasheet HTML 37Page - Texas Instruments TMP139AIYAHR Datasheet HTML 38Page - Texas Instruments TMP139AIYAHR Datasheet HTML 39Page - Texas Instruments TMP139AIYAHR Datasheet HTML 40Page - Texas Instruments TMP139AIYAHR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
7.6.4 MR3: Vendor ID Byte 0 (address = 03h) [reset = 80h]
Return to Register Map.
Figure 7-50. MR3: Vendor ID Byte 0 Register
7
6
5
4
3
2
1
0
VENDOR_ID_BYTE0[7:0]
R-80h
Table 7-16. MR3: Vendor ID Byte 0 Field Descriptions
Bit
Field
Type
Reset
Description
7:6
VENDOR_ID_BYTE0[7:0]
R
80h
Indicates the lower byte of the Vendor ID.
7.6.5 MR4: Vendor ID Byte 1 (address = 04h) [reset = 97h]
Return to Register Map.
Figure 7-51. MR4: Vendor ID Byte 1 Register
7
6
5
4
3
2
1
0
VENDOR_ID_BYTE1[7:0]
R-97h
Table 7-17. MR4: Vendor ID Byte 1 Field Descriptions
Bit
Field
Type
Reset
Description
7:6
VENDOR_ID_BYTE1[7:0]
R
97h
Indicates the upper byte of the Vendor ID.
7.6.6 MR7: Device Configuration - HID (address = 04h) [reset = 0Eh]
The MR7 register reads the HID configured by the host controller. This register can only be updated by the
SETHID CCC when device is in I2C, by the RSTDAA when the device is in I3C mode, or by a bus reset.
Return to Register Map.
Figure 7-52. MR7: Device Configuration - HID Register
7
6
5
4
3
2
1
0
Reserved
DEV_HID_CODE[2:0]
Reserved
R-0h
RW-111
R-0
Table 7-18. MR7: Device Configuration - HID Field Descriptions
Bit
Field
Type
Reset
Description
7:4
Reserved
R
0h
Reserved
3:1
DEV_HID_CODE[2:0]
RW
111
Device HID Code. The TMP139 device responds to unique 7-bit
address as formed by a 4-bit LID code as Table 7-4 and 3-bit
HID code as configured in this register.1
0
Reserved
R
0
Reserved
1. This register is updated only when SETHID CCC is sent to the TMP139 or when the device goes through a
bus reset sequence.
Note
Any host transaction which results in write or update to MR7 register must be immediately followed by
a Stop condition. A Repeated Start may result in unpredictable behavior.
www.ti.com
TMP139
SNIS217 – DECEMBER 2020
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TMP139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com