Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 101 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 101 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 97Page - Texas Instruments XIO2000AI Datasheet HTML 98Page - Texas Instruments XIO2000AI Datasheet HTML 99Page - Texas Instruments XIO2000AI Datasheet HTML 100Page - Texas Instruments XIO2000AI Datasheet HTML 101Page - Texas Instruments XIO2000AI Datasheet HTML 102Page - Texas Instruments XIO2000AI Datasheet HTML 103Page - Texas Instruments XIO2000AI Datasheet HTML 104Page - Texas Instruments XIO2000AI Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 165 page
background image
Classic PCI Configuration Space
92
April 2007 Revised October 2008
SCPS155C
4.72 Serial IRQ Mode Control Register
This register controls the behavior of the serial IRQ controller. See Table 4−46 for a complete description of
the register contents.
PCI register offset:
E0h
Register type:
Read-only, Read/Write
Default value:
00h
BIT NUMBER
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
Table 4−46. Serial IRQ Mode Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
7:4
RSVD
R
Reserved. Returns 0h when read.
3:2†
START_WIDTH
RW
Start frame pulse width. Sets the width of the start frame for a SERIRQ stream.
00 = 4 clocks (default)
01 = 6 clocks
10 = 8 clocks
11 = Reserved
1†
POLLMODE
RW
Poll mode. This bit selects between continuous and quiet mode.
0 = Continuous mode (default)
1 = Quiet mode
0†
DRIVEMODE
RW
Drive mode. This bit selects the behavior of the serial IRQ controller during the recovery cycle.
0 = Drive high (default)
1 = 3-state
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com