Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 105 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 105 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 101Page - Texas Instruments XIO2000AI Datasheet HTML 102Page - Texas Instruments XIO2000AI Datasheet HTML 103Page - Texas Instruments XIO2000AI Datasheet HTML 104Page - Texas Instruments XIO2000AI Datasheet HTML 105Page - Texas Instruments XIO2000AI Datasheet HTML 106Page - Texas Instruments XIO2000AI Datasheet HTML 107Page - Texas Instruments XIO2000AI Datasheet HTML 108Page - Texas Instruments XIO2000AI Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 165 page
background image
PCI Express Extended Configuration Space
96
April 2007 Revised October 2008
SCPS155C
5
PCI Express Extended Configuration Space
The programming model of the PCI Express extended configuration space is compliant to the PCI Express
Base Specification and the PCI Express to PCI/PCI-X Bridge Specification programming models. The PCI
Express extended configuration map uses the PCI Express advanced error reporting capability and PCI
Express virtual channel (VC) capability headers.
All bits marked with a k are sticky bits and are reset by a global reset (GRST) or the internally-generated
power-on reset. All bits marked with a † are reset by a PCI Express reset (PERST), a GRST, or the
internally-generated power-on reset. The remaining register bits are reset by a PCI Express hot reset, PERST,
GRST, or the internally-generated power-on reset.
Table 5−1. PCI Express Extended Configuration Register Map
REGISTER NAME
OFFSET
Next capability offset / capability version
PCI Express advanced error reporting capabilities ID
100h
Uncorrectable error status register†
104h
Uncorrectable error mask register†
108h
Uncorrectable error severity register†
10Ch
Correctable error status register†
110h
Correctable error mask†
114h
Advanced error capabilities and control†
118h
Header log register†
11Ch
Header log register†
120h
Header log register†
124h
Header log register†
128h
Secondary uncorrectable error status†
12Ch
Secondary uncorrectable error mask†
130h
Secondary uncorrectable error severity register†
134h
Secondary error capabilities and control register†
138h
Secondary header log register†
13Ch
Secondary header log register†
140h
Secondary header log register†
144h
Secondary header log register†
148h
Reserved
14Ch
Next capability offset / capability version
PCI express virtual channel extended capabilities ID
150h
Port VC capability register 1
154h
Port VC capability register 2
158h
Port VC status register
Port VC control register
15Ch
VC resource capability register (VC0)
160h
VC resource control register (VC0)
164h
VC resource status register (VC0)
Reserved
168h
VC resource capability register (VC1)
16Ch
VC resource control register (VC1)
170h
VC resource status register (VC1)
Reserved
174h
Reserved
178h – 17Ch
VC arbitration table (phase 7 − phase 0)
180h
VC arbitration table (phase 15 − phase 8)
184h
VC arbitration table (phase 23 − phase 16)
188h
† These bits are reset by a PCI Express reset (PERST), a GRST, or the internally-generated power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com