Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 102 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 98Page - STMicroelectronics VD6640 Datasheet HTML 99Page - STMicroelectronics VD6640 Datasheet HTML 100Page - STMicroelectronics VD6640 Datasheet HTML 101Page - STMicroelectronics VD6640 Datasheet HTML 102Page - STMicroelectronics VD6640 Datasheet HTML 103Page - STMicroelectronics VD6640 Datasheet HTML 104Page - STMicroelectronics VD6640 Datasheet HTML 105Page - STMicroelectronics VD6640 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 126 page
background image
Application
VG6640, VD6640
102/126
DocID023597 Rev 11
Figure 33. Example stereo synchronized cameras application
1. Values depend on bus speed and capacitance See Section 11.5: I2C pull-up resistors
2. Pull-down resistors are required to hold the sensor inputs at the correct state during companion device
reset.
Companion device
SCL1
SDA1
GPIO[A]
DATA1[11:0]
VSYNC1
HSYNC1
PIXCLK1
Image sensor
DN_CL
SCL
SDA
DP_CL
CSI-2 I/F
I2C control lines
VDIG
VANA
DN_DL2
DP_DL2
DN_DL1
DP_DL1
XSHUTDOWN
FSYNC_IN
EXTCLK_XTAL1
XTAL2
1k
1k
1V8
FSYNC_OUT
VCORE
RESET_N
EXTCLK_EN
ECC_OUT
GPIO
Parallel
I/F
DOUT[11:0]
HSYNC
VSYNC
PIXCLK
12
1k
4.7pF
4.7pF
GPIO[B]
GPIO[C]
SCL2
DATA2[11:0]
VSYNC2
HSYNC2
PIXCLK2
Image sensor
DN_CL
SCL
SDA
DP_CL
CSI-2 I/F
I2C control lines
DN_DL2
DP_DL2
DN_DL1
DP_DL1
XSHUTDOWN
FSYNC_IN
1k
1k
1V8
FSYNC_OUT
RESET_N
ECC_OUT
GPIO
Parallel
I/F
DOUT[11:0]
HSYNC
VSYNC
PIXCLK
12
SDA2
AGND
JTAG_TMS
JTAG_TCLK
JTAG_TDI
JTAG_TDO
1V8
DGND
Note (1)
Note (1)
Note (2)
1V8
2V8
220nF
220nF
220nF
220nF
VRTSF
1V2
VDIG
VANA
EXTCLK_XTAL1
XTAL2
VCORE
EXTCLK_EN
4.7pF
4.7pF
AGND
JTAG_TMS
JTAG_TCLK
JTAG_TDI
JTAG_TDO
1V8
DGND
1V8
2V8
220nF
220nF
220nF
220nF
VRTSF
1V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com