Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 104 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 100Page - STMicroelectronics VD6640 Datasheet HTML 101Page - STMicroelectronics VD6640 Datasheet HTML 102Page - STMicroelectronics VD6640 Datasheet HTML 103Page - STMicroelectronics VD6640 Datasheet HTML 104Page - STMicroelectronics VD6640 Datasheet HTML 105Page - STMicroelectronics VD6640 Datasheet HTML 106Page - STMicroelectronics VD6640 Datasheet HTML 107Page - STMicroelectronics VD6640 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 126 page
background image
Application
VG6640, VD6640
104/126
DocID023597 Rev 11
11.3
Power management
11.3.1
Power-up procedure
The digital and analog supply voltages can be powered up in any order.
If VCORE is supplied externally, XSHUTDOWN must remain LO to disable the internal 1V2
regulator.
The EXTCLK clock can either be initially low and then enabled during reset or EXTCLK can
be a free running clock.
On power-up, the host must issue a reset to ensure that the register values are initialized
correctly to their default values.
Table 60. Power-up sequence timing constraints
Symbol
C
Parameter
Minimum
Maximum
Units
t0
VANA rising to VDIG rising
VANA and VDIG may rise in any
order, the rising edge separation can
vary from 0 ns to indefinite
t1
VDIG rising to VANA rising
t2
VANA/VDIG to RESET_N rising
RESET_N must not rise before both
power supplies (VDIG and VANA) are
stable (to within ±5%)
t3
C
XSHUTDOWN to RESET_N rising
1
ms
t4
C
RESET_N to first I2C transaction
247000
clock periods
t5
C
EXTCLK_XTAL1(1) to RESET_N
rising
4
clock periods
t6
C
Issuing the streaming mode
command to first frame start
sequence(2)
10 + coarse
integration time
ms
t7
C
VDIG - External 1.2V rising(3)
100
us
1. When using an external clock. Not valid when using an external crystal.
2. Dependent on the image sensor clock frequency and the coarse exposure setting. A fast clock speed and zero exposure
will result in the shortest startup time.
3. If the 1.2V rises before VDIG then it pulls up VDIG through a substrate diodein the on-chip VCORE regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com