Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 103 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 99Page - STMicroelectronics VD6640 Datasheet HTML 100Page - STMicroelectronics VD6640 Datasheet HTML 101Page - STMicroelectronics VD6640 Datasheet HTML 102Page - STMicroelectronics VD6640 Datasheet HTML 103Page - STMicroelectronics VD6640 Datasheet HTML 104Page - STMicroelectronics VD6640 Datasheet HTML 105Page - STMicroelectronics VD6640 Datasheet HTML 106Page - STMicroelectronics VD6640 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 126 page
background image
DocID023597 Rev 11
103/126
VG6640, VD6640
Application
125
11.2
PCB layout guidelines
Normal good PCB design practice should be observed for the layout of the image sensor:
Power and ground planes should be used to supply power to image sensor.
Join both grounds, AGND and DGND into one, single, solid GND plane underneath the
sensor.
Connect this GND plane to sensor balls with one via per GND-ball.
To limit the number of interruptions of this GND plane fan out the non-GND and non-
supply pads laterally on the top side of the PCB.
External decoupling capacitors must be added to all four supply voltages, with values
of:
1 x 220nF between VDIG and DGND;
1 x 220nF between VANA and DGND,
1 x 220nF between VCORE and DGND,
1 x 220nF between VRTSF and AGND.
The decoupling caps for the supplies must be placed on the bottom side of the PCB, as
close as possible to the supply balls.
Connect the supply balls on top with the decoupling caps on bottom taking care to
ensure.
The lowest possible impedance.
At least one via for every supply ball.
To minimize risk of emissions, shield all the Vias and tracks attached to these supplies
by their respective GND nets.
The high speed signal pairs (CLOCK+, CLOCK-), (DP_DL1, DN_DL1), and (DP_DL2,
DN_DL2) should be routed as balanced transmission lines with a characteristic
differential impedance (Zodiff) of between 80Ω to 120Ω. The two traces in the signal pair
should be routed together and should be matched in length to within ±1 mm. The
related clock and data pairs should be matched in length to within ±4 mm.
The VANA supply is very sensitive to noise and therefore care should be taken when
designing the 2V8 power supply. The noise level on VANA should be kept below
1mVrms. For designs with a very noisy 2V8 supply, a filtering scheme (for example, Π-
type filter and/or linear regulator) should be considered.
Quartz crystal - special care should be taken during layout to control the parasitic
capacitances associated with the crystal. Refer to Section 11.4.2: Quartz crystal
Maximise copper fill on power planes near the sensor and use vias to improve heat
transfer from the sensor. Consider including heatsinking close to the sensor if it is to be
used at high temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com