Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 32 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 28Page - Analog Devices LTM8045 Datasheet HTML 29Page - Analog Devices LTM8045 Datasheet HTML 30Page - Analog Devices LTM8045 Datasheet HTML 31Page - Analog Devices LTM8045 Datasheet HTML 32Page - Analog Devices LTM8045 Datasheet HTML 33Page - Analog Devices LTM8045 Datasheet HTML 34Page - Analog Devices LTM8045 Datasheet HTML 35Page - Analog Devices LTM8045 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
LTM4655
32
Rev. 0
For more information www.analog.com
In rare cases where the minimum on-time restric-
tion is violated, the frequency of the affected LTM4655
channel(s) automatically and gradually folds back down to
one-fifth of its programmed switching frequency to allow
VOUTn– to remain in regulation.
Be reminded of Notes 2, and 3 in the Electrical
Characteristics section regarding output current
guidelines.
Input Capacitors, Negative-VOUT– Operation
The LTM4655 achieves low input conducted EMI noise
due to tight layout and high-frequency bypassing of
MOSFETs MTn and MBn within the module itself. A small
APPLICATIONS INFORMATION
Figure 7. Radiated Emissions Scan of the LTM4655. Producing
24VOUT at 7A, from 36VIN. DC2898A Hardware. fSW = 1.2MHz.
Measured in a 10m Chamber. Peak Detect Method
Figure 9. Radiated Emissions Scan of the LTM4655. Producing
–12VOUT at 4A, from 12VIN. DC2899A Hardware. fSW = 700kHz.
Measured in a 10m Chamber. Peak Detect Method
Figure 8. Radiated Emissions Scan of the LTM4655. Producing
–24VOUT at 2A, from 12VIN , DC2899A Hardware. fSW = 1.2MHz.
Measured in a 10m Chamber. Peak Detect Method
filter inductor (400nH) is integrated in the input line (from
VINn to VDn) provides further noise attenuation—again,
local to the switching MOSFETs. The VDn and VINn pins
are available for external input capacitors—CDn and
CINHn—to form a high-frequency � filter. As shown in
the Simplified Block Diagram, the ceramic capacitor CDn
on the LTM4655’s VDn pins handles the majority of the
RMS current into the DC/DC converter power stage and
requires careful selection, for that reason.
To meet the radiated emissions requirements of
EN55022B, an additional filter capacitor, CINOUTn, is
needed—connecting from VINn to VOUTn–. See Figure 7
through Figure 9 for EMI performance.
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4655 F06
[1] HORIZONTAL
[2] VERTICAL
QPK LIMIT
FORMAL
MEAS DIST 10m
SPEC DIST 10m
+
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4655 F08
[1] HORIZONTAL
[2] VERTICAL
QPK LIMIT
FORMAL
MEAS DIST 10m
SPEC DIST 10m
+
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4655 F09
[1] HORIZONTAL
[2] VERTICAL
QPK LIMIT
FORMAL
MEAS DIST 10m
SPEC DIST 10m
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com