Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 47 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 47 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 43Page - Analog Devices LTM8045 Datasheet HTML 44Page - Analog Devices LTM8045 Datasheet HTML 45Page - Analog Devices LTM8045 Datasheet HTML 46Page - Analog Devices LTM8045 Datasheet HTML 47Page - Analog Devices LTM8045 Datasheet HTML 48Page - Analog Devices LTM8045 Datasheet HTML 49Page - Analog Devices LTM8045 Datasheet HTML 50Page - Analog Devices LTM8045 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
LTM4655
47
Rev. 0
For more information www.analog.com
Figure 45. Single 8A, 24V Output DC/DC μModule Regulator with Optional Analog Temperature Indicator
TYPICAL APPLICATIONS
LOAD
24VOUT,
UP TO 8A
47µF
×4
4.7 F
90.9k
4.7 F
90.9k
4.7 F
4.7 F
240k
196k
100
4655 F45
1 F
VIN
29V TO 40V
196k
100
1 F
100k
66.5k
5VOUT,
UP TO 25mA
0.1µF
470pF
OPTIONAL ANALOG OUTPUT
TEMPERATURE INDICATOR
D+
D–
VCC VREF
VPTAT
GND
LTC2997*
4mV/K
CFILTER
>1k
VPTAT(FILTER)
VIN1
VD1
SVINF2
VIN2
SVIN1
SVINF2
SVINF1
fSET1
VINREG1
LDOIN
CLKOUT1
CLKIN1
VD2
fSET2
RUN1
CLKIN2
CLKOUT2
COMP2b
COMP2a
INTVCC2
RUN2
COMP1b
COMP1a
VINREG2
MOD
GND
ISET1b
ISET1a
ISET2b ISET2a
TEMP+
TEMP–
IMON2b
IMON2a
LDOOUT
CLKSET
IMON1a
IMON1b
VOUT2–
VOUT1+
SW1
SW2
NC
VOUT1–
VOSNS1+
SVOUT1–
PGDFB1
EXTVCC1
VOSNS2+
EXTVCC2
PGDFB2
PGOOD1
VOUT2+
PGOOD2
SVOUT2–
INTVCC1
LTM4655
RUN
>1.2VTYP = ON
<1.07VTYP = OFF
INTVCC2
PGOOD
INTVCC2
* PLACE 470pF DIRECTLY ACROSS THE LTC2997'S D+/D– PINS.
ROUTE TEMP+/TEMP– DIFFERENTIALLY TO D+/D– AND PROTECT FROM NOISE WITH GROUND SHIELDING.
TERMINATE (CONNECT) THE D+/D– GROUND SHIELD AT THE LTC2997 GND PIN, ONLY.
FOR BEST VPTAT PERFORMANCE, THE VCC PIN OF THE LTC2997 MUST BE LOCALLY BYPASSED AND QUIET.
SEE LTC2997 DATA SHEET AND APRIL 2017 LT JOURNAL TECHNICAL ARTICLES.
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com