Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 18 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 14Page - Analog Devices LTM8045 Datasheet HTML 15Page - Analog Devices LTM8045 Datasheet HTML 16Page - Analog Devices LTM8045 Datasheet HTML 17Page - Analog Devices LTM8045 Datasheet HTML 18Page - Analog Devices LTM8045 Datasheet HTML 19Page - Analog Devices LTM8045 Datasheet HTML 20Page - Analog Devices LTM8045 Datasheet HTML 21Page - Analog Devices LTM8045 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
LTM4655
18
Rev. 0
For more information www.analog.com
COMP1a (E2): Current Control Threshold and Error
Amplifier Compensation Node for Channel 1. The trip
threshold of channel 1’s current comparator increases
with a respective rise in COMP1a voltage. A small filter
cap (10pF) internal to the LTM4655 on this pin introduces
a high frequency roll-off of the error amplifier response,
yielding good noise rejection in the control loop. Often,
COMP1a is electrically connected to COMP1b in one’s
application, thus applying default loop compensation.
Loop compensation (a series resistor capacitor) can be
applied externally from COMP1a to SVOUT1–, if desired or
needed, instead. (See COMP1b.)
COMP2a (E7): Current Control Threshold and Error
Amplifier Compensation Node for Channel 2. The trip
threshold of channel 2’s current comparator increases
with a respective rise in COMP2a voltage. A small filter
cap (10pF) internal to the LTM4655 on this pin introduces
a high frequency roll-off of the error amplifier response,
yielding good noise rejection in the control loop. Often,
COMP2a is electrically connected to COMP2b in one’s
application, thus applying default loop compensation.
Loop compensation (a series resistor capacitor) can be
applied externally from COMP2a to SVOUT2–, if desired or
needed, instead. (See COMP2b.)
COMP1b (E1): Channel 1 Internal Loop Compensation
Network. For a majority of applications, the internal,
default loop compensation of the LTM4655 is suitable to
apply “as is”, and yields very satisfactory results: apply
the default loop compensation to channel 1’s control loop
by simply connecting COMP1a to COMP1b. When more
specialized applications require a personal touch to the
optimization of control loop response, this can be easily
accomplished by connecting a series resistor-capacitor
network from COMP1a to SVOUT1– and leaving COMP1b
open circuit.
COMP2b (E6): Channel 2 Internal Loop Compensation
Network. For a majority of applications, the internal,
default loop compensation of the LTM4655 is suitable to
apply “as is”, and yields very satisfactory results: apply
the default loop compensation to channel 2’s control loop
by simply connecting COMP2a to COMP2b. When more
specialized applications require a personal touch to the
optimization of control loop response, this can be easily
accomplished by connecting a series resistor-capacitor
network from COMP2a to SVOUT2– and leaving COMP2b
open circuit.
IMON1a (C2): Channel 1 Power Inductor Current Analog
Indicator Pin and Current Limit Programming Pin. In
positive-VOUT step-down applications, only, the current
flowing out of this pin is equal to 1/40,000 of the average
channel 1 power inductor current. Optionally apply a par-
allel resistor-capacitor network to this pin and terminate
it to SVOUT1– in order to construct a voltage (VIMON1a–
SVOUT1–) that is proportional to channel 1’s power induc-
tor current.
IMON1a can be connected to IMON1b if the default resis-
tor capacitor termination network provided by IMON1b is
desired. If this analog indicator feature is not desired—
or, in negative-VOUT– buck-boost applications: connect
IMON1a to SVOUT1–.
If IMON1a–SVOUT1– exceeds a trip threshold of approxi-
mately 2V, an IMON1 control loop servos channel 1
power inductor current accordingly and thus regulates
IMON1a–SVOUT1– at 2V. In this manner, the current limit
inception threshold of channel 1 can be configured. (See
the Applications Information section.)
IMON1b (C1): Channel 1 Power Inductor Analog Indicator
Current Default Termination R-C Network. A 10k resis-
tor in parallel with a 10nF capacitor and terminating to
SVOUT1– connect to this pin. Connect IMON1b to IMON1a
to achieve default power inductor analog indicator current
characteristics: 1V (with respect to SVOUT1–) at full-scale
(4A) load current in positive-VOUT, noninverting step-
down applications. (See IMON1a.) If unused, IMON1b
can be left open circuit or connected to SVOUT1–.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com