Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 36 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 36 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 32Page - Analog Devices LTM8045 Datasheet HTML 33Page - Analog Devices LTM8045 Datasheet HTML 34Page - Analog Devices LTM8045 Datasheet HTML 35Page - Analog Devices LTM8045 Datasheet HTML 36Page - Analog Devices LTM8045 Datasheet HTML 37Page - Analog Devices LTM8045 Datasheet HTML 38Page - Analog Devices LTM8045 Datasheet HTML 39Page - Analog Devices LTM8045 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
LTM4655
36
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal oper-
ating conditions of a µModule regulator. For example, in
normal board-mounted applications, never does 100%
of the device’s total power loss (heat) thermally conduct
exclusively through the top or exclusively through bot-
tom of the µModule package—as the standard defines
for θJCtop and θJCbottom, respectively. In practice, power
loss is thermally dissipated in both directions away from
the package—granted, in the absence of a heat sink and
airflow, a majority of the heat flow is into the board.
Within the LTM4655, be aware there are multiple power
devices and components dissipating power, with a con-
sequence that the thermal resistances relative to differ-
ent junctions of components or die are not exactly linear
with respect to total package power loss. To reconcile this
complication without sacrificing modeling simplicity—
but also not ignoring practical realities—an approach has
been taken using FEA software modeling along with labo-
ratory testing in a controlled-environment chamber to rea-
sonably define and correlate the thermal resistance values
supplied in this data sheet: (1) Initially, FEA software is
used to accurately build the mechanical geometry of the
LTM4655 and the specified PCB with all of the correct
material coefficients along with accurate power loss
source definitions; (2) this model simulates a software-
defined JEDEC environment consistent with JESD51-9 and
JESD51-12 to predict power loss heat flow and
temperature readings at different interfaces that enable
the calculation of the JEDEC-defined thermal resistance
values; (3) the model and FEA software is used to evaluate
the LTM4655 with heat sink and airflow; (4) having solved
for and analyzed these thermal resistance values and
simulated various operating conditions in the software
model, a thorough laboratory evaluation replicates the
simulated conditions with thermocouples within a con-
trolled environment chamber while operating the device
at the same power loss as that which was simulated. The
outcome of this process and due diligence yields the set
of derating curves provided in later sections of this data
sheet, along with well-correlated JESD51-12-defined θ
values provided in the Pin Configuration section.
For positive-VOUT applications, the 12VIN and 24VIN power
loss curves in Figure 11 and Figure 12, respectively, can
be used with the load current derating curves in Figure 13
to Figure 24 for calculating an approximate θJA thermal
resistance for the LTM4655 with various heat sinking
and air flow conditions. For negative-VOUT applications:
use instead the –5VOUT, –12VOUT and –24VOUT power
loss curves in Figure 25 to Figure 27, respectively, in
combination with the load current derating curves in
Figure  28 to Figure  43. For split-supply applications,
total power loss within the module will dictate the thermal
derating; interpolate the relevant derating curves. These
thermal resistances represent demonstrated performance
of the LTM4655 on DC2898A and DC2899A hardware;
4-layer FR4 PCB measuring 97mm × 116mm × 1.6mm
using outer and inner copper weights of 2oz and 1oz,
Figure 10. Graphical Representation of JESD51-12 Thermal Coefficients
4655 F10
µModule DEVICE
θJCtop JUNCTION-TO-CASE
(TOP) RESISTANCE
θJA JUNCTION-TO-AMBIENT RESISTANCE
CASE (TOP)-TO-AMBIENT
RESISTANCE
BOARD-TO-AMBIENT
RESISTANCE
θJCbot JUNCTION-TO-CASE
(BOTTOM) RESISTANCE
JUNCTION
AMBIENT
CASE (BOTTOM)-TO-BOARD
RESISTANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com