Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 52 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 52 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 46Page - Analog Devices LTM8045 Datasheet HTML 47Page - Analog Devices LTM8045 Datasheet HTML 48Page - Analog Devices LTM8045 Datasheet HTML 49Page - Analog Devices LTM8045 Datasheet HTML 50Page - Analog Devices LTM8045 Datasheet HTML 51Page - Analog Devices LTM8045 Datasheet HTML 52Page - Analog Devices LTM8045 Datasheet HTML 53Page - Analog Devices LTM8045 Datasheet HTML 54Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
LTM4655
52
Rev. 0
For more information www.analog.com
PACKAGE DESCRIPTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VIN1
B1
CLKIN1
C1
IMON1b
D1
PGOOD1
E1
COMP1b
F1
ISET1b
A2
VIN1
B2
CLKOUT1
C2
IMON1a
D2
PGDFB1
E2
COMP1a
F2
ISET1a
A3
VIN1
B3
VIN1
C3
SVIN1
D3
VINREG1
E3
fSET1
F3
EXTVCC1
A4
VD1
B4
VD1
C4
VD1
D4
GND
E4
SVOUT1–
F4
RUN1
A5
VOUT1–
B5
VOUT1–
C5
VOUT1–
D5
VOUT1–
E5
VOUT1–
F5
VOUT1–
A6
VIN2
B6
CLKIN2
C6
IMON2b
D6
PGOOD2
E6
COMP2b
F6
ISET2b
A7
VIN2
B7
CLKOUT2
C7
IMON2a
D7
PGDFB2
E7
COMP2a
F7
ISET2a
A8
VIN2
B8
VIN2
C8
SVIN2
D8
VINREG2
E8
fSET2
F8
EXTVCC2
A9
VD2
B9
VD2
C9
VD2
D9
GND
E9
SVOUT2–
F9
RUN2
A10
VOUT2–
B10
VOUT2–
C10
VOUT2–
D10
VOUT2–
E10
VOUT2–
F10
VOUT2–
A11
VOUT2–
B11
SVINF1
C11
SVINF2
D11
VOUT2–
E11
VOUT2–
F11
VOUT2–
A12
VOUT2–
B12
LDOIN
C12
CLKOUT2
D12
GND
E12
MOD
F12
CLKSET
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
VOSNS1+
H1
VOSNS1+
J1
NC
K1
VOUT1+
L1
VOUT1+
M1
VOUT1+
G2
SVOUT1–
H2
SVOUT1–
J2
NC
K2
VOUT1+
L2
VOUT1+
M2
VOUT1+
G3
INTVCC1
H3
VOUT1–
J3
VOUT1–
K3
VOUT1+
L3
VOUT1+
M3
VOUT1+
G4
VOUT1–
H4
SW1
J4
VOUT1–
K4
VOUT1–
L4
VOUT1–
M4
VOUT1–
G5
VOUT1–
H5
VOUT1–
J5
VOUT1–
K5
VOUT1–
L5
VOUT1–
M5
VOUT1–
G6
VOSNS2+
H6
VOSNS2+
J6
TEMP+
K6
VOUT2+
L6
VOUT2+
M6
VOUT2+
G7
SVOUT2–
H7
SVOUT2–
J7
TEMP–
K7
VOUT2+
L7
VOUT2+
M7
VOUT2+
G8
INTVCC2
H8
VOUT2–
J8
VOUT2–
K8
VOUT2+
L8
VOUT2+
M8
VOUT2+
G9
VOUT2–
H9
SW2
J9
VOUT2–
K9
VOUT2–
L9
VOUT2–
M9
VOUT2–
G10
VOUT2–
H10
VOUT2–
J10
VOUT2–
K10
VOUT2–
L10
VOUT2–
M10
VOUT2–
G11
VOUT2–
H11
VOUT2–
J11
NC
K11
VOUT2–
L11
VOUT2–
M11
VOUT2–
G12
LDOOUT
H12
VOUT2–
J12
NC
K12
VOUT2–
L12
VOUT2–
M12
VOUT2–
Table 13. LTM4655 Component BGA Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com