Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 38 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 38 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 34Page - Analog Devices LTM8045 Datasheet HTML 35Page - Analog Devices LTM8045 Datasheet HTML 36Page - Analog Devices LTM8045 Datasheet HTML 37Page - Analog Devices LTM8045 Datasheet HTML 38Page - Analog Devices LTM8045 Datasheet HTML 39Page - Analog Devices LTM8045 Datasheet HTML 40Page - Analog Devices LTM8045 Datasheet HTML 41Page - Analog Devices LTM8045 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
LTM4655
38
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 3. 1V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 13, Figure 14, Figure 15
5, 12, 24
Figure 11, Figure 12
0
None
11.9
Figure 13, Figure 14, Figure 15
5, 12, 24
Figure 11, Figure 12
200
None
10.9
Figure 13, Figure 14, Figure 15
5, 12, 24
Figure 11, Figure 12
400
None
10.0
Figure 16, Figure 17, Figure 18
5, 12, 24
Figure 11, Figure 12
0
BGA Heat Sink
11.2
Figure 16, Figure 17, Figure 18
5, 12, 24
Figure 11, Figure 12
200
BGA Heat Sink
10.1
Figure 17, Figure 17, Figure 18
5, 12, 24
Figure 11, Figure 12
400
BGA Heat Sink
9.1
Table 4. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 19, Figure 20
12, 24
Figure 11, Figure 12
0
None
11.9
Figure 19, Figure 20
12, 24
Figure 11, Figure 12
200
None
10.9
Figure 19, Figure 20
12, 24
Figure 11, Figure 12
400
None
10.0
Figure 21, Figure 22
12, 24
Figure 11, Figure 12
0
BGA Heat Sink
11.2
Figure 21, Figure 22
12, 24
Figure 11, Figure 12
200
BGA Heat Sink
10.1
Figure 21, Figure 22
12, 24
Figure 11, Figure 12
400
BGA Heat Sink
9.1
Table 5. 15V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 23
24
Figure 12
0
None
11.9
Figure 23
24
Figure 12
200
None
10.9
Figure 23
24
Figure 12
400
None
10.0
Figure 24
24
Figure 12
0
BGA Heat Sink
11.2
Figure 24
24
Figure 12
200
BGA Heat Sink
10.1
Figure 24
24
Figure 12
400
BGA Heat Sink
9.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com