Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 39 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 39 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 35Page - Analog Devices LTM8045 Datasheet HTML 36Page - Analog Devices LTM8045 Datasheet HTML 37Page - Analog Devices LTM8045 Datasheet HTML 38Page - Analog Devices LTM8045 Datasheet HTML 39Page - Analog Devices LTM8045 Datasheet HTML 40Page - Analog Devices LTM8045 Datasheet HTML 41Page - Analog Devices LTM8045 Datasheet HTML 42Page - Analog Devices LTM8045 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
LTM4655
39
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 6. –5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 28, Figure 29, Figure 30
5, 12, 24
Figure 25
0
None
11.9
Figure 28, Figure 29, Figure 30
5, 12, 24
Figure 25
200
None
10.9
Figure 28, Figure 29, Figure 30
5, 12, 24
Figure 25
400
None
10.0
Figure 31, Figure 32, Figure 33
5, 12, 24
Figure 25
0
BGA Heat Sink
11.2
Figure 31, Figure 32, Figure 33
5, 12, 24
Figure 25
200
BGA Heat Sink
10.1
Figure 31, Figure 32, Figure 33
5, 12, 24
Figure 25
400
BGA Heat Sink
9.1
Table 7. –15V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 34, Figure 35, Figure 36
5, 12, 24
Figure 26
0
None
11.9
Figure 34, Figure 35, Figure 36
5, 12, 24
Figure 26
200
None
10.9
Figure 34, Figure 35, Figure 36
5, 12, 24
Figure 26
400
None
10.0
Figure 37, Figure 38, Figure 39
5, 12, 24
Figure 26
0
BGA Heat Sink
11.2
Figure 37, Figure 38, Figure 39
5, 12, 24
Figure 26
200
BGA Heat Sink
10.1
Figure 37, Figure 38, Figure 39
5, 12, 24
Figure 26
400
BGA Heat Sink
9.1
Table 8. –24V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 40, Figure 41
5, 12
Figure 27
0
None
11.9
Figure 40, Figure 41
5, 12
Figure 27
200
None
10.9
Figure 40, Figure 41
5, 12
Figure 27
400
None
10.0
Figure 42, Figure 43
5, 12
Figure 27
0
BGA Heat Sink
11.2
Figure 42, Figure 43
5, 12
Figure 27
200
BGA Heat Sink
10.1
Figure 42, Figure 43
5, 12
Figure 27
400
BGA Heat Sink
9.1
Table 9. Heat Sink Manufacturer (Thermally Conductive Adhesive Tape Pre-Attached)
HEAT SINK MANUFACTURER
PART NUMBER
WEBSITE
Aavid Thermalloy
375424B00034G
www.aavid.com
Cool Innovations
4-050503PT411
www.coolinnovations.com
Wakefield Engineering
LTN20069
www.wakefield.com
Table 10. Thermally Conductive Adhesive Tape Vendor
THERMALLY CONDUCTIVE ADHESIVE
TAPE MANUFACTURER
PART NUMBER
WEBSITE
Chomerics
T411
www.chomerics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com