Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 10Page - Analog Devices LTM8045 Datasheet HTML 11Page - Analog Devices LTM8045 Datasheet HTML 12Page - Analog Devices LTM8045 Datasheet HTML 13Page - Analog Devices LTM8045 Datasheet HTML 14Page - Analog Devices LTM8045 Datasheet HTML 15Page - Analog Devices LTM8045 Datasheet HTML 16Page - Analog Devices LTM8045 Datasheet HTML 17Page - Analog Devices LTM8045 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
LTM4655
14
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VIN1 (A1–A3, B3): Channel 1 Power Input Pins. Apply
input voltage and input decoupling capacitance directly
between VIN1 and a power ground (PGND) plane. Either
connect PGND to VOUT1– in noninverting step-down appli-
cations, where VOUT1+ is the regulated positive output
voltage—or, connect PGND to VOUT1+ in inverting buck-
boost applications, where VOUT1– is the regulated negative
output voltage.
VIN2 (A6–A8, B8): Channel 2 Power Input Pins. Apply
input voltage and input decoupling capacitance directly
between VIN2 and a power ground (PGND) plane. Either
connect PGND to VOUT2– in noninverting step-down appli-
cations, where VOUT2+ is the regulated positive output
voltage—or, connect PGND to VOUT2+ in inverting buck-
boost applications, where VOUT2– is the regulated negative
output voltage.
VD1 (A4, B4, C4): Drain of Channel 1’s Primary Switching
MOSFET. Apply at least one 4.7μF high frequency ceramic
decoupling capacitor directly from VD1 to VOUT1–. Give
this capacitor higher layout priority (closer proximity to
the module) than any VIN1 decoupling capacitors.
VD2 (A9, B9, C9): Drain of Channel 2’s Primary Switching
MOSFET. Apply at least one 4.7μF high frequency ceramic
decoupling capacitor directly from VD2 to VOUT2–. Give
this capacitor higher layout priority (closer proximity to
the module) than any VIN2 decoupling capacitors.
SVIN1 (C3): Channel 1 Input Voltage Supplies for Small
Signal Circuits. SVIN1 is the input to the INTVCC1 LDO.
Connect SVIN1 directly to VIN1.
SVIN2 (C8): Channel 2 Input Voltage Supplies for Small
Signal Circuits. SVIN2 is the input to the INTVCC2 LDO.
Connect SVIN2 directly to VIN2.
SVINF1 (B11): Channel 1 Filtered Voltage Supply for Small
Signal Circuits. If powering the LTM4655’s 5V LDO from
channel 1’s supply for small signal circuits, electrically
connect SVINF1 and LDOIN with a short trace capable of
carrying up to 25mA.
SVINF2 (C11): Channel 2 Filtered Voltage Supply for Small
Signal Circuits. If powering the LTM4655’s 5V LDO from
channel 2’s supply for small signal circuits, electrically
connect SVINF2 and LDOIN with a short trace capable of
carrying up to 25mA.
LDOIN (B12): Input to 5V LDO. Connect LDOIN to either
SVINF1 or SVINF2 with a short trace capable of carrying up
to 25mA, depending on which input rail is better suited
for powering the 5V LDO. If LDOIN is being powered from
SVINF1 or SVINF2, no bypass capacitance from LDOIN to
GND is needed; otherwise, 0.1μF-to-1μF local bypass
capacitance is recommended.
VOUT1– (A5, B5, C5, D5, E5, F5, G4–5, H3, H5, J3–5,
K4–5, L4–5, M4–5): Negative Power Output of Channel 1.
Either connect VOUT1– to a PGND plane in noninverting
step-down applications, where VOUT1+ is the regulated
positive output voltage—or, connect VOUT1+ to PGND in
inverting buck-boost applications, where VOUT1– is the
regulated negative output voltage.
SVOUT1– (E4, G2, H2): Signal Return of Channel 1. The
SVOUT1– pins are the reference node for channel 1’s con-
trol loop. A small island of SVOUT1– copper should be
extended from the module and used to shield sensitive
channel 1 pins and signals from noise—such as those
routing to fSET1, ISET1a/b, and COMP1a/b. All SVOUT1–
pins are connected to each other internal to the module.
Connect Pin H2 to VOUT1– directly under the LTM4655.
The remaining SVOUT1– pins can be used for redundant
connectivity or routed to an ICT test point for design-
for-test considerations, as desired. See the Applications
Information section for the layout checklist.
VOUT1+ (K1–3, L1–3, M1–3): Positive Power Output of
Channel 1. Bypass VOUT1+ to VOUT1– local to the mod-
ule with at least 1μF. The remainder of VOUT1+ to VOUT1–
bypass caps should be located near channel 1’s load.
Either connect VOUT1+ to a PGND plane in inverting buck-
boost applications, where VOUT1– is the regulated nega-
tive output voltage—or, connect VOUT1– to a PGND plane
noninverting step-down applications, where VOUT1+ is the
regulated positive output voltage.
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com