Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 43 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 43 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 39Page - Analog Devices LTM8045 Datasheet HTML 40Page - Analog Devices LTM8045 Datasheet HTML 41Page - Analog Devices LTM8045 Datasheet HTML 42Page - Analog Devices LTM8045 Datasheet HTML 43Page - Analog Devices LTM8045 Datasheet HTML 44Page - Analog Devices LTM8045 Datasheet HTML 45Page - Analog Devices LTM8045 Datasheet HTML 46Page - Analog Devices LTM8045 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
LTM4655
43
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION—DERATING CURVES SettingsperTable 11andTable 12.
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F20
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F22
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F23
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F25
Figure 20. 24V to 5VOUT
Derating Curve, No Heat Sink
Figure 21. 12V to 5VOUT Derating
Curve, with BGA Heat Sink
Figure 22. 24V to 5VOUT Derating
Curve, with BGA Heat Sink
Figure 23. 24V to 15VOUT Derating
Curve, No Heat Sink
Figure 24. 24V to 15VOUT Derating
Curve, with BGA Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
4655 F28
Figure 25. –5VOUT Power
Loss Curve
Figure 26. –15VOUT Power Loss
Curve
Figure 27. –24VOUT Power
Loss Curve
Figure 28. 5V to –5VOUT Derating
Curve, No Heat Sink
5VIN, 400kHz
12VIN, 550kHz
24VIN, 600kHz
CHANNEL OUTPUT CURRENT(A)
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
4655 F25
5VIN, 500kHz
12VIN, 875Hz
24VIN, 1.2MHz
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
7
4655 F26
CHANNEL OUTPUT CURRENT(A)
5VIN, 550kHz
12VIN, 1MHz
CHANNEL OUTPUT CURRENT(A)
0
0.5
1
1.5
2
0
1
2
3
4
5
6
7
4655 F27
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
Curve, No Heat Sink
4655 F28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com