Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 33 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 33 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 29Page - Analog Devices LTM8045 Datasheet HTML 30Page - Analog Devices LTM8045 Datasheet HTML 31Page - Analog Devices LTM8045 Datasheet HTML 32Page - Analog Devices LTM8045 Datasheet HTML 33Page - Analog Devices LTM8045 Datasheet HTML 34Page - Analog Devices LTM8045 Datasheet HTML 35Page - Analog Devices LTM8045 Datasheet HTML 36Page - Analog Devices LTM8045 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
LTM4655
33
Rev. 0
For more information www.analog.com
The input capacitance, CDn, is needed to filter the pulsed
current drawn by MTn. To prevent excessive voltage sag
on VDn, a low-effective series resistance (low-ESR) input
capacitor should be used, sized appropriately for the
maximum CDn RMS ripple current (see Equation 24).
ICDn(RMS) =InPK • Dn •(1–Dn)
(24)
ICDn(RMS) is maximum for Dn = 1/2. For Dn = 1/2, 
ICDn(RMS) = 1/2 • InPK or 3A. This simplification of the
worst-case condition is commonly used for design pur-
poses because even significant deviations in Dn do not
offer much relief, in practice. Furthermore: note that ripple
current ratings from capacitor manufacturers are often
based on 2000 hours of life; therefore, it is advisable to
significantly over-design CDn, and/or choose a capacitor
rated at a higher temperature than required. Err on the
side of caution and contact the capacitor manufacturer to
understand the capacitor vendor’s derating methodology.
Several capacitors may be paralleled to meet the appli-
cation’s target size, height, and CDn RMS ripple current
rating. For lower input voltage applications, sufficient bulk
input capacitance is needed for CINLn to counteract line
sag and transient effects during output load changes.
Suggested values for CDn and CINHn are found in Table 12.
Take note that CDn is connected from VDn to VOUTn–,
whereas CINHn and CINLn are connected from VINn to
power ground; this is deliberate.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM4655’s VINn,
SVINn, and VDn pins. A ceramic input capacitor combined
with trace or cable inductance forms a high Q (under-
damped) tank circuit. If the LTM4655 circuit is plugged
into a live supply, the input voltage can ring to twice its
nominal value, possibly exceeding the device’s rating.
This situation is easily avoided; see the Hot Plugging
Safely section.
Output Capacitors, Negative-VOUT– Operation
Output capacitors COUTHn and COUTLn are applied across
the LTM4655’s VOUTn+/VOUTn– power output pins: suffi-
cient capacitance and low ESR are called for, to meet the
output voltage ripple, loop stability, and transient require-
ments. COUTLn can be a low ESR tantalum or polymer
capacitor. COUTHn is a ceramic capacitor. The typical out-
put capacitance is 22μF (type X5R material, or better), if
ceramic-only output capacitors are used.
For highest reliability designs, polarized output capaci-
tors (COUTLn) are not recommended, as there is a pos-
sibility of a diode-drop of reverse voltage appearing tran-
siently on VOUTn– during rapid application of input volt-
age or when RUN
n is toggled logic high (see Figure 49).
When polarized capacitors are used on VOUTn–, contact
the capacitor vendor to understand what reverse volt-
age their polarized capacitor can withstand. Be advised,
polarized capacitor reverse voltage rating is sometimes
temperature-dependent.
Output voltage ripple (∆VOUTn(PK-PK)–) is governed by
charge lost in COUTHn and COUTLn while MTn is on, in
addition to the contribution of a resistive drop across
the ESR of the output capacitors. This is expressed by
Equation 25.
ΔVOUTn(PK–PK) ≈
ILOADn •D
COUTn •fSWn
+
ILOADn •ESRn
Dn
(25)
Table 12 shows a matrix of suggested output capacitors
optimized for transient step-loads that are 50% of the full
load capability for that combination of VINn, VOUTn–, and
fSW. The table optimizes total equivalent ESR and total
bulk capacitance to yield the stated transient-load per-
formance. Additional output filtering may be required by
the system designer, if further reduction of output ripple
or dynamic transient spike is required. The LTpowerCAD
design tool is available for transient and stability analysis.
Optional Diodes to Guard Against Overstress,
Negative-VOUT– Operation
Just prior to output voltage start-up, a mechanism exists
whereby a diode-drop of reverse polarity can appear on
VOUTn–. See the Simplified Block Diagram and observe:
just prior to output voltage start-up, SVINn bias current
(ISVINn) flows through the module’s control IC, to SVOUTn–;
from there, the bias current (now ISVOUTn–) flows into
VOUTn– and through MBn’s body diode, to SWn. This cur-
rent (now ILn) continues to flow—though the 4μH power
inductor—to VOUTn+ and thus ground, closing the con-
trol IC bias circuit’s path. It is this current through MBn’s
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com