Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 45 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 45 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 41Page - Analog Devices LTM8045 Datasheet HTML 42Page - Analog Devices LTM8045 Datasheet HTML 43Page - Analog Devices LTM8045 Datasheet HTML 44Page - Analog Devices LTM8045 Datasheet HTML 45Page - Analog Devices LTM8045 Datasheet HTML 46Page - Analog Devices LTM8045 Datasheet HTML 47Page - Analog Devices LTM8045 Datasheet HTML 48Page - Analog Devices LTM8045 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
LTM4655
45
Rev. 0
For more information www.analog.com
Figure 38. 12V to –15VOUT Derating
Curve, with BGA Heat Sink
Figure 39. 24V to –15VOUT Derating
Curve, with BGA Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4655 F38
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
4655 F39
Figure 40. 5V to –24VOUT Derating
Curve, No Heat Sink
Figure 41. 12V to –24VOUT Derating
Curve, No Heat Sink
APPLICATIONS INFORMATION—DERATING CURVES SettingsperTable 11andTable 12.
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
Curve, No Heat Sink
4655 F40
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Curve, No Heat Sink
4655 F41
Figure 42. 5V to –24VOUT Derating
Curve, with BGA Heat Sink
Figure 43. 12V to –24VOUT Derating
Curve, with BGA Heat Sink
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
Curve, with BGA Heat Sink
4655 F42
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
20
40
60
80
100
120
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Curve, with BGA Heat Sink
4655 F43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com