Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 35 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 35 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 31Page - Analog Devices LTM8045 Datasheet HTML 32Page - Analog Devices LTM8045 Datasheet HTML 33Page - Analog Devices LTM8045 Datasheet HTML 34Page - Analog Devices LTM8045 Datasheet HTML 35Page - Analog Devices LTM8045 Datasheet HTML 36Page - Analog Devices LTM8045 Datasheet HTML 37Page - Analog Devices LTM8045 Datasheet HTML 38Page - Analog Devices LTM8045 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
LTM4655
35
Rev. 0
For more information www.analog.com
Radiated EMI Noise
The generation of radiated EMI noise is an inherent
disadvantage of switching regulators. Fast switching
turn-on and turn-off of the power MOSFETs—necessary
for achieving high efficiency—create high-frequency
(~30MHz+) ∆l/∆t changes within DC/DC converters. This
activity tends to be the dominant source of high-frequency
EMI radiation in such systems. The high level of device
integration within LTM4655—including optimized gate-
driver and critical front-end � filter inductor—delivers
low radiated EMI noise performance. Figure 7 through
Figure 9 show typical examples of LTM4655 meeting the
radiated emission limits established by EN55022 Class B.
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section are consistent with those parameters defined by
JESD51-12 and are intended for use with finite element
analysis (FEA) software modeling tools that leverage the
outcome of thermal modeling, simulation, and correlation
to hardware evaluation performed on a µModule package
mounted to a hardware test board. The motivation for pro-
viding these thermal coefficients is found in JESD51-12
(“Guidelines for Reporting and Using Electronic Package
Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to predict the
µModule regulator’s thermal performance in their appli-
cation at various electrical and environmental operating
conditions to compliment any FEA activities. Without
FEA software, the thermal resistances reported in the
Pin Configuration section are, in and of themselves, not
relevant to providing guidance of thermal performance;
instead, the derating curves provided in this data sheet
can be used in a manner that yields insight and guid-
ance pertaining to one’s application-usage, and can be
adapted to correlate thermal performance to one’s own
application.
The Pin Configuration section gives four thermal coeffi-
cients explicitly defined in JESD51-12; these coefficients
are quoted or paraphrased below:
APPLICATIONS INFORMATION
1. θJA, the thermal resistance from junction-to-ambient,
is the natural convection junction-to-ambient air ther-
mal resistance measured in a one cubic foot sealed
enclosure. This environment is sometimes referred to
as “still air” although natural convection causes the
air to move. This value is determined with the part
mounted to a JESD51-9 defined test board, which
does not reflect an actual application or viable operat-
ing condition.
2. θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottom of the package. In the typical µModule regulator,
the bulk of the heat flows out the bottom of the pack-
age, but there is always heat flow out into the ambient
environment. As a result, this thermal resistance value
may be useful for comparing packages but the test
conditions don’t generally match the user’s application.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical µModule regulator are on the bottom of the
package, it is rare for an application to operate such
that most of the heat flows from the junction to the top
of the part. As in the case of θJCbottom, this value may
be useful for comparing packages but the test condi-
tions don’t generally match the user’s application.
4. θJB, the thermal resistance from junction to the printed
circuit board, is the junction-to-board thermal resis-
tance where almost all of the heat flows through the
bottom of the µModule regulator and into the board,
and is really the sum of the θJCbottom and the thermal
resistance of the bottom of the part through the solder
joints and through a portion of the board. The board
temperature is measured a specified distance from the
package, using a two sided, two layer board. This board
is described in JESD51-9.
A graphical representation of the aforementioned thermal
resistances is given in Figure 10; blue resistances are
contained within the µModule regulator, whereas green
resistances are external to the µModule package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com