Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 3Page - Analog Devices LTM8045 Datasheet HTML 4Page - Analog Devices LTM8045 Datasheet HTML 5Page - Analog Devices LTM8045 Datasheet HTML 6Page - Analog Devices LTM8045 Datasheet HTML 7Page - Analog Devices LTM8045 Datasheet HTML 8Page - Analog Devices LTM8045 Datasheet HTML 9Page - Analog Devices LTM8045 Datasheet HTML 10Page - Analog Devices LTM8045 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
LTM4655
7
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2). Specified as each individual output channel (Note 5). TA = 25°C, Test Circuit 2 (negative-
VOUTn–, inverting buck-boost configuration with VOUTn+ = GND), VINn = 12V and electrically connected to SVINn, RUNn–GND = 3.3V,
ISET
na–SVOUTn– = 24V, EXTVCCn = GND, CLKINn open circuit, RfSETn = 57.6kΩ and RISETn = 480kΩ and voltages referred to GND
unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
Input Specifications
VINn(UVLO)
SVINn Undervoltage Lockout Threshold SVINn Rising
SVINn Falling
Hysteresis
l
l
l
2.1
400
3.2
2.5
700
3.6
2.8
V
V
mV
IINRUSH(VINn)
Input Inrush Current at Start-Up
CINHn = 4.7μF, CDn = 4.7μF × 2, COUTHn = 47μF ×
2; IOUTn– = 0A, ISETna Electrically Connected to
ISET
nb
1.1
A
IQ(SVINn)
Input Supply Bias Current
Shutdown, RUN
n = GND
RUN
n–GND = 3.3V
16
450
30
μA
μA
IS(VINn)
Input Supply Current
CLKIN
n Open Circuit, IOUTn– = 1.25A
3.0
A
IS(VINn, SHUTDOWN)
Input Supply Current in Shutdown
Shutdown, RUN
n = GND
4
µA
Output Specifications
IOUTn–
VOUTn– Output Continuous Current Range VINn =12V,RegulatingVOUTn– =–24VatfSWn =1MHz
VINn = 12V, Regulating VOUTn– = –5V at fSWn = 550kHz
(See Note 3. Capable of Up to 4A Output Current
for Some Combinations of VINn, VOUTn– and fSWn)
0
0
1.25
3
A
A
∆VOUTn(LINE)–/VOUTn– Line Regulation Accuracy
IOUTn– = 0A, 3.6V ≤ VINn ≤ 16V, ISETna–SVOUTn– =
24V, CLKIN
n Driven by 1.8MHz Clock
l
0.05
0.25
%
∆VOUTn(LOAD)–/VOUTn– Load Regulation Accuracy
VINn = 12V, 0A ≤ IOUTn– ≤ 1.25A, CLKINn Driven by
1.5MHz Clock, RfSETn = 57.6kΩ, and RISETn = 480kΩ
l
0.05
0.75
%
VOUTn(AC)–
Output Voltage Ripple, VOUTn–
VINn = 12V, ISETna–SVOUTn– = 5V
10
mVP-P
fSN
VOUTn– Ripple Frequency
VINn = 12V, ISETna–SVOUTn– = 5V
l
1.7
1.95
2.2
MHz
∆VOUTn(START)–
Turn-On Overshoot
8
mV
tSTARTn
Turn-On Start-Up Time
Delay Measured from VINn Toggling from 0V
to 12V to PGOOD
n Exceeding 3V Above GND;
PGOOD
n Having a 100kΩ Pull-Up to 3.3V with
Respect to GND, VPGFBn Resistor Divider Network
as Shown in Test Circuit 2, RISETna = 480kΩ,
ISET
na Electrically Connected to ISETnb, and
CLKIN
n Driven with 1.2MHz Clock
l
4
9
ms
∆VOUTn(LS)–
Peak Output Voltage Deviation for
Dynamic Load Step
IOUTn–: 0A to 1A and 1A to 0A Load Steps in 1μs,
COUTHn = 47µF × 2
400
mV
tSETTLEn
Settling Time for Dynamic Load Step
IOUTn–: 0A to 1A and 1A to 0A Load Steps in 1μs,
COUTH2 = 47µF × 2 X5R
50
µs
IOUTn(OCL)–
IOUTn– Output Current Limit
1.7
A
Control Section
IISETna
Reference Current of ISET
na Pin
VISETna–SVOUTn– = 0.5V, 3.6V ≤ VINn ≤ 28V
0V ≤ VISETna–SVOUTn– ≤ VINn–SVOUT– ≤ 40V
l
l
49.3
49
50
50
50.7
51
µA
µA
IVOSNSn+
VOSNSn+ Leakage Current
VOSNSn+ – SVOUTn– = 28V
290
μA
tONn(MIN)
Minimum On-Time
(Note 4 )
60
ns
VRUNn
RUN
n Turn-On/-Off Thresholds
RUN
n Input Turn-On Threshold, RUNn Rising
RUN
n Hysteresis
(RUN
n Thresholds Measured with Respect to GND)
l
1.08
1.2
130
1.32
V
mV
IRUNn
RUN
n Leakage Current
VINn = 12V, RUNn–GND = 3.3V
l
0.1
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com