Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 15 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 15 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 11Page - Analog Devices LTM8045 Datasheet HTML 12Page - Analog Devices LTM8045 Datasheet HTML 13Page - Analog Devices LTM8045 Datasheet HTML 14Page - Analog Devices LTM8045 Datasheet HTML 15Page - Analog Devices LTM8045 Datasheet HTML 16Page - Analog Devices LTM8045 Datasheet HTML 17Page - Analog Devices LTM8045 Datasheet HTML 18Page - Analog Devices LTM8045 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
LTM4655
15
Rev. 0
For more information www.analog.com
VOSNS1+ (G1, H1): Positive Voltage Sense Input for
Channel 1. Route a signal trace from VOSNS1+ to VOUT1+
at channel 1’s point-of-load (POL). This provides the feed-
back signal to channel 1’s control loop. In noisy environ-
ments, shield VOSNS1+ from electrical noise by sandwich-
ing the trace between PGND copper. Pins G1 and H1 are
electrically connected to each other internal to the mod-
ule, and thus it is only necessary to connect one VOSNS1+
pin to VOUT1+ at the POL. The remaining VOSNS1+ pin can
be used for redundant connectivity or routed to an ICT
test point for design-for-test considerations, as desired.
VOUT2– (A10–12, B10, C10, D10–11, E10–11, F10–11,
G9–11, H8, H10–12, J8–10, K9–12, L9–12, M9–12):
Negative Power Output of Channel 2. Either connect
VOUT2– to a PGND plane in noninverting step-down appli-
cations, where VOUT2+ is the regulated positive output
voltage—or, connect VOUT2+ to PGND in inverting buck-
boost applications, where VOUT2– is the regulated negative
output voltage.
SVOUT2– (E9, G7, H7): Signal Return of Channel 2. The
SVOUT2– pins are the reference node for channel 2’s con-
trol loop. A small island of SVOUT2– copper should be
extended from the module and used to shield sensitive
channel 2 pins and signals from noise—such as those
routing to fSET2, ISET2a/b, and COMP2a/b. All SVOUT2–
pins are connected to each other internal to the module.
Connect Pin H7 to VOUT2– directly under the LTM4655.
The remaining SVOUT2– pins can be used for redundant
connectivity or routed to an ICT test point for design-
for-test considerations, as desired. See the Applications
Information section for the layout checklist.
VOUT2+ (K6–8, L6–8, M6–8): Positive Power Output of
Channel 2. Bypass VOUT2+ to VOUT2– local to the mod-
ule with at least 1μF. The remainder of VOUT2+ to VOUT2–
bypass caps should be located near channel 2’s load.
Either connect VOUT2+ to a PGND plane in inverting buck-
boost applications, where VOUT2– is the regulated nega-
tive output voltage—or, connect VOUT2– to a PGND plane
noninverting step-down applications, where VOUT2+ is the
regulated positive output voltage.
VOSNS2+ (G6, H6): Positive Voltage Sense Input for
Channel 2. Route a signal trace from VOSNS2+ to VOUT2+
at channel 2’s point-of-load (POL). This provides the feed-
back signal to channel 2’s control loop. In noisy environ-
ments, shield VOSNS2+ from electrical noise by sandwich-
ing the trace between PGND copper. Pins G6 and H6 are
electrically connected to each other internal to the mod-
ule, and thus it is only necessary to connect one VOSNS2+
pin to VOUT2+ at the POL. The remaining VOSNS2+ pin can
be used for redundant connectivity or routed to an ICT
test point for design-for-test considerations, as desired.
GND (D4, D9, D12): Ground Pins. The logic thresholds
for RUN
n, PGOODn, and CLKINn are electrically referred
to GND. GND is also the reference voltage for the 5V-fixed
LDO and the CLKOUT
n clock generator. Connect all GND
pins to a solid ground plane, PGND.
RUN1 (F4): Channel 1 Run Control Pin. A voltage above
~1.2V (with respect to GND) commands the module to
regulate its output voltage. Undervoltage lockout (UVLO)
can be implemented by connecting RUN1 to the midpoint
node formed by a resistor divider between VIN1 and GND.
RUN1 features ~130mV of hysteresis.
RUN2 (F9): Channel 2 Run Control Pin. A voltage above
~1.2V (with respect to GND) commands the module to
regulate its output voltage. Undervoltage lockout (UVLO)
can be implemented by connecting RUN2 to the midpoint
node formed by a resistor divider between VIN2 and GND.
RUN2 features ~130mV of hysteresis.
INTVCC1 (G3): Channel 1 Internal Regulator, 3.3V Output
with Respect to VOUT1–. Channel 1 internal control circuits
and MOSFET drivers derive power from INTVCC1 bias.
Leave INTVCC1 open circuit. An LDO generates INTVCC1
from either SVIN1 or EXTVCC1, when RUN1 is logic high
(RUN1–GND > 1.2V). The INTVCC1 LDO is turned off when
RUN1 is logic low (RUN1–GND < 1.2V). (See EXTVCC1.)
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com