Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM8045
Description  EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8045 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM8045 Datasheet HTML 18Page - Analog Devices LTM8045 Datasheet HTML 19Page - Analog Devices LTM8045 Datasheet HTML 20Page - Analog Devices LTM8045 Datasheet HTML 21Page - Analog Devices LTM8045 Datasheet HTML 22Page - Analog Devices LTM8045 Datasheet HTML 23Page - Analog Devices LTM8045 Datasheet HTML 24Page - Analog Devices LTM8045 Datasheet HTML 25Page - Analog Devices LTM8045 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
LTM4655
22
Rev. 0
For more information www.analog.com
TEST CIRCUIT
Test Circuit 1. Positive-VOUT Configuration, Regulating VOUTn+, One Channel Shown
Test Circuit 2. Negative-VOUT– Configuration, Regulating VOUTn–, One Channel Shown
VINn
SVINFn
SVINn
RUN
n
GND
CLKIN
n
VOUTn+
VOSNSn+
VOUTn–
PGOOD
n
EXTVCCn
IMON
na
IMON
nb
ISET
nb
ISET
na
PGDFB
n
24VOUT,
UP TO 4A
COUTLn
68µF
COUTHn
27µF
SVOUTn–
RPGDFBn
196k
RISETn
480k
RfSETn
57.6k
RTHn
499Ω
CDn
4.7 F
x2
CINHn
4.7 F
CTHn
0.1 F
VDn
INTVCCn
VINREG
n
4655 TC01
NC
SW
LTM4655
COMP
na
COMP
nb
fSETn
VIN
29V TO 40V
+
LOAD
n
RUN
n
RUN – GND:
>1.2VTYP = ON
<1.07VTYP = OFF
PINS NOT SHOWN AND NOT TESTED
IN THIS TEST CIRCUIT:
LDOIN, LDOOUT, CLKOUTn, CLKSET,
MOD, TEMP+, TEMP–
ISET
na ISETnb
VINn
SVINFn
SVINn
RUN
n
GND
CLKIN
n
VDn
INTVCCn
VINREG
n
COMP
na
COMP
nb
fSETn
PGOOD
n
PGDFB
n
SVOUTn–
VOUTn+
VOUTn–
SVOUT–
EXTVCCn
LTM4655
VOUT–
–24V
UP TO 1.25A
AT VIN = 12V
COUTH
27µF
LOAD
COUTL*
68µF
RPGDFB
196k
RfSETn
57.6k
RISETn
480k
CDn
4.7 F
2x
CINHn
4.7 F
VIN
3.6V
TO 16V
4655 TC02
+
CTHn
0.1 F
RTHn
499Ω
CEXTVCCn
1 F
SW
NC
REXTVCCn**
0Ω
*Polarized output capacitors COUTL, if used, must be rated to withstand ~0.3V typical reverse polarity prior to LTM4655 start-up,
stemming from a weakly forward-biased body diode. In such cases, a Schottky diode should be connected between PGND and
VOUT– to limit the voltage. See the Applications Information section and Figures 49a and 49b.
**Outside the ATE Test environment, REXTVCC, if used, should not be 0Ω. See the Applications Information section.
RUN
n
RUN – GND:
>1.2VTYP = ON
<1.07VTYP = OFF
PINS NOT SHOWN AND NOT TESTED
IN THIS TEST CIRCUIT:
LDOIN, LDOOUT, CLKOUTn, CLKSET,
MOD, TEMP+, TEMP–
IMON
na
IMON
nb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com