Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 5Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 9 / 18
6. Scope:
THIS SPECIFICATION APPLIES TO CERAMIC INSULATED CAPACITORS DISK TYPE USED
IN ELECTRONIC EQUIPMENT.
6.1Applicable safety standard
This specification applies to the VDE, SEV, SEMKO, FIMKO, NEMKO, DEMKO, KTL, UL, CSA
approved ceramic capacitors disc type for antenna coupling, line-by-pass and across-the-line. X1, Y1
capacitor based on IEC384-14. "UL, CSA recognized capacitor for across-the-line, line-by-pass" and
antenna-isolation.
6.2 Safety standards approval and recognized no.
Safety
Standard
Standard No.
Subclass
w.v.
Recognized No.
X1
400VAC
UL
ANSI/UL
60384-14:2009
Y1
250VAC/400VAC
E146544
X1
400VAC
CSA
CAN/CSA
E60384-14:2009
Y1
250VAC/400VAC
2347971
X1
400VAC
VDE
(ENEC)
IEC60384-14
Y1
250VAC/400VAC
40001804
X1
400VAC
SEV
IEC60384-14
Y1
250VAC/400VAC
14.0615
X1
400VAC
SEMKO
IEC60384-14
Y1
250VAC/400VAC
1110795
X1
400VAC
FIMKO
IEC60384-14
Y1
250VAC/400VAC
NCS/FI 28778
X1
400VAC
NEMKO
IEC60384-14
Y1
250VAC/400VAC
No.P11214078
X1
400VAC
DEMKO
IEC60384-14
Y1
250VAC/400VAC
D-03206
X1:400VAC /Y1:400VAC
CQC03001003673
CQC
GB/T
14472-1998
X1:400VAC /Y1:250VAC
CQC11001055510
X1
400VAC
SU03065-14004
Y1
250VAC
SU03065-14005
KTL
K60384-14
Y1
400VAC
SU03065-14006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com