Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 13Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 14Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 15Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 16Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 17Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 14 / 18
8.Packing Baggage:
:
:
:
8.1 Packing size:
Box
Carton
Bulk
Ammo
taping
8.2 Packing quantity:
Packing type
The code of 14th to15th in SAP P/N
MPQ
(Kpcs/Box)
AM (The size code≦110)
1
Taping
AM (The size code≧120)
0.5
Packing type
Lead length
Size code of 10th to 11th in SAP P/N
MPQ (Kpcs/Bag)
Kpcs/Box
06~12
0.5
1.5
Long lead
(L≧20mm)
13-15
0.5
1
06~14
0.5
2
Short lead
(L<20mm)
15
0.2
1
Bulk
All
16
0.2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com