Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 13Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 14Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 15Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 16Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 13 / 18
No
Items
Performance
Testing method
7.3.16
Active
Flammability
The cheesecloth shall
not be on fire.
The specimens shall be individually wrapped in at least one but
more than two complete layers of cheesecloth. The specimens shall
be subjected to 20 discharges. The interval between successive
discharges shall be 5 sec. The UAC shall be maintained for 2 min
after the last discharge.
Fig. 6
7.3.17
Passive Flammability
The burning time
shall not be exceeded
the time 30 sec. The
tissue paper shall not
ignite.
The capacitor under test shall be held in the position which best
promotes burning. Each specimen shall only be exposed once to
flame. Time of exposure to flame: 30sec.
Length of flame : 12±1mm
Gas burner : Length 35mm min.
Inside Dia. : 0.5±0.1mm
Outside Dia. : 0.9mm max.
Gas : Butane gas Purity 95% min.
Fig. 7
Appearance
No marked defect
Char. Cap.
Change
DF / Q
SL,
CH
≦±5%
Q≧275+5/2C
(C
<30pF)
Q≧350 (C≧30pF)
Y5P
≦±10%
DF
5.0%
≦
Y5U
&
Y5V
≦±20%
DF
7.5%
≦
I.R.
3000M
min.
7.3.18
Temperat
ure Cycle
Dielectric strength Per Item 7.3.3
The capacitor should be subjected to 5 temperature cycles,
<Temperature Cycle time: 5cycles>
Step
Temperature(℃)
Time(min)
1
-40+0/-3
30
2
Room temp.
3
3
125+3/-0
30
4
Room temp.
3
Pre-treatment:
Capacitor shall be stored at 85±2℃ for 1hour.then placed at
※
1room condition for 24±2hours.
Post-treatment:
Capacitor shall be stored for 1 to 2hours at
※1room condition.
1
※ "room condition" Temperature:15~35, Relative humidity: 45~75%, Atmospheric pressure:86~106kPa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com