Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 2Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 3Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 4Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 5Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 6 / 18
3. Part numbering/T.C/Capacitance/ Tolerance/Diameter:
:
:
:
3.1 Normal parts:
Dimension (unit:mm)
SAP P/N
T.C.
Capacitance(pF)
Tolerance
D(max.)
T(max.)
F
Φd
CH*AH***C060*
2, 3,4, 5(pF)
±0.25pF
7.0
CH*AH***D060*
6,7,8,9,10(pF)
±0.5pF
7.0
CH*AH120J060*
12
7.0
CH*AH***J070*
CH
(NP0)
15,18,20,22,24,27(pF)
8.0
SL*AH***J060*
15,18,20,22,24,27,30,
33, 36, 39(pF)
7.0
SL*AH***J070*
47,50,51, 56,62(pF)
8.0
SL*AH***J080*
68,75(pF)
9.0
SL*AH***J090*
SL*
82,100(pF)
±5%
10.0
YP*AH101K060*
100 pF
7.0
YP*AH151K060*
150 pF
7.0
YP*AH221K060*
220 pF
7.0
YP*AH331K060*
330 pF
7.0
YP*AH471K070*
470 pF
8.0
YP*AH561K080*
560 pF
9.0
YP*AH681K080*
680 pF
9.0
YP*AH102K100*
Y5P
1000 pF
±10%
11.0
5.0
10±1
0.55+/-0.05
YU*AH102M070*
1000 pF
8.0
YU*AH152M080*
1500 pF
9.0
YU*AH222M090*
2200 pF
10.0
YU*AH332M110*
3300 pF
12.0
YU*AH392M120*
3900 pF
14.0
YU*AH472M130*
Y5U
4700 pF
14.0
5.0
YV*AH102M060*
1000pF
7.0
YV*AH152M070*
1500pF
8.0
YV*AH222M080*
2200pF
9.0
YV*AH332M100*
3300pF
11.0
YV*AH472M110*
Y5V
4700pF
±20%
12.0
5.5
10±1
0.55+/-0.05
The minimum thickness of coating (reinforced insulation) is 0.4mm.
3.2 Special for surge parts:
Dimension (mm)
Part Number
Temp.
Char.
Cap.(pF)
Tol.
D(max.)
T (max.)
F
Wire Dia. (φd)
YP *AH101K06S*
100
7.0
YP *AH151K06S*
150
7.0
YP *AH221K06S*
220
7.0
YP *AH331K07S*
330
8.0
YP *AH471K08S*
470
9.0
YP *AH681K09S*
680
10.0
YP *AH102K11S*
Y5P
1000
±10%
12.0
6.0
10±1
0.55+/-0.05
YU*AH102M07S*
1000
8.0
YU*AH152M08S*
1500
9.0
YU*AH222M09S*
2200
10.0
YU*AH332M11S*
3300
12.0
YU*AH392M12S*
3900
14.0
YU*AH472M13S*
Y5U
4700
±20%
14.0
6.0
10±1
0.55+/-0.05
The special parts only improve surge withstanding, but can’t independently be used in protecting application against
surges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com