Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AH472M Datasheet HTML 1Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 2Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 3Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 4Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 5Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 3 / 18
Record of change (continue)
Date
Version
Description
page
2014/11/5
13
1. Review the size of SL*AH820J*** from 080 to be 090.
2. Review the terminal position of the lead wire.
3. Review the product of ID, add the code “D” for the products of
Dongguan Walsin Technology Electronics Co., Ltd.
4. Review the Operating Temperature Range, from “-25 to +125°C” to be
“-40 to +125°C”.
5. Review the minimum packing quantity of taping code AM.
6. Review the low temperature range from -25°C to -40°C for temperature
cycle test.
6
7
8
11
15
13
Table of Contents
No.
Item
Page
1
Part number for SAP system
4
2
Mechanical
5
3
Part numbering/T.C/Capacitance/ Tolerance/Diameter
6
4
Taping Format
7
5
Marking
8
6
Scope
9
7
Specification and test method
10~13
8
Packing specification
14
9
Notices
15~17
10
Drawing of Internal Structure and material list
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com