Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AH472M Datasheet HTML 1Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 2Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 3Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 4Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 5Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 5 / 18
2. Mechanical:
Encapsulation:Epoxy resin, flammability UL94 V-0
Available lead code (unit: mm):
Lead type
SAP P/N
(13-17)digits
Pitch
(F)
Lead
Length (L)
Packing
Lead Configuration
Lead style:L
Type L
Straight long
lead
L20C0
10 ± 1.0
20 min.
Bulk
Lead style:B
Type B
Straight long
lead
BAMD0
10 ± 1.0
Refer to “4.
Taping
format”
Tap.
Ammo
L03B0
10 ± 1.0
3.0 ± 1.0
L4EB0
10 ± 1.0
4.5 ± 1.0
Lead style:L
Type L
Straight short
lead
L05B0
10 ± 1.0
5.0 ± 1.0
Bulk
D3EA0
10 ± 1.0
3.5 ± 0.5
D04A0
10 ± 1.0
4.0 ± 0.5
Bulk
Lead style:D
Type D
Vertical kink
lead
DAMD0
10 ± 1.0
Refer to “4.
Taping
format”
Tap.
Ammo
X3EA0
10 ± 1.0
3.5 ± 0.5
X04A0
10 ± 1.0
4.0 ± 0.5
X05B0
10 ± 1.0
5.0 ± 1.0
Bulk
Lead style:X
Type X
Outside kink lead
XAMD0
10 ± 1.0
Refer to “4.
Taping
format”
Tap.
Ammo
* Lead diameter Φd: 0.55 +/-0.05mm
*
e (Coating extension on leads): 3.0mmMax for straight lead lead style, not exceed the kink for kink lead.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com