Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AH472M Datasheet HTML 1Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 2Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 3Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 4Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 5Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 4 / 18
1. Part number for SAP system:
(Ex.)
YU
0AH
472
M
13
0
L
20
C
0
H
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9) (10)
(11)
(1)Temperature characteristic (identified code)
CODE
CH(NP0)
SL
YP (Y5P)
YV(Y5V)
YU (Y5U)
Cap. Change
0±60PPM/℃
-1000~+350PPM/℃
(+20
~+85
)
℃
℃
±10%
-80% ~ +30%
-55% to +20%
(2)TYPE (identified by 3-figure code):0AH = AH Type(X1:400V~/Y1:250V~),
1AH=AH Type(X1:400V~/Y1:400V~)
(3)Capacitance (identified by 3-figure code):EX.221=220pF
(4)Capacitance tolerance (identified by code): C:±0.25pF,D:±0.5pF,J:±5%,K:±10%,M:±20%
(5)Nominal body diameter dimension (identified by 2-figure code):06--Dmax7.0mm, 07--Dmax8.0mm...
(6)Internal code: 0--Normal, other code--Special control
(7)Lead Style:Refer to “2. Mechanical”.
(8)Packing mode and lead length (identified by 2-figure code)
Taping Code
Description
AM
Ammo box and product pitch:25.4 mm
Bulk Code
Description
3E
Lead length : 3.5mm
04
Lead length : 4.0mm
4E
Lead length : 4.5mm
20
Lead length : 20mm
(9)Length tolerance
Code
Description
A
±0.5 mm
(only for kink lead type)
B
±1.0 mm
C
Min.
D
Taping special purpose
(10)Pitch
Code
Description
0
10±1 mm
A
10±0.5 mm
(11)Epoxy Resin Code
Code
Description
B
Pb free, Epoxy Resin
H
Halogen and Pb free, epoxy resin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com