Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 13Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 14Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 11 / 18
No
Items
Performance
Testing method
Tensile
Lead wire shall not cut off.
Capacitor shall not be
broken.
With the termination in its normal position, the specimen is
held by its body in such a manner that the axis of the
termination is vertical; the tensile force of 10N shall be
applied to the termination in the direction of its axis and
acting in a direction away from the body of the specimen.
7.3.9
Robustness
of
Terminations
Bending
Lead wire shall not cut off.
Capacitor shall not be
broken.
With the termination in its normal position, the specimen is
held by its body in such a manner that the axis of the
termination is vertical; a mass applying a force of 5N is then
suspended from the end of the termination. The body of the
specimen is then inclined, within a period of 2 to 3sec,
through an angle of approximately 90
∘in the vertical plane
and then returned to its initial position over the same period
of time; this operation constitutes one bend. One bend
immediately followed by a second bend in the opposite
direction.
Appearance No marked defect.
I.R.
1000 M
min.
Dielectric
Strength
Per item7.3. 3
7.3.10
Soldering
Effect
(Non-Preheat)
Capacitance
Y5P,Y5U,Y5V:
Within ±10 %
SL,CH:
Within±2.5﹪or
±0.25pF,Whichever is large.
As shown in figure, the lead wires should be immersed in
solder of 350 ± 10
or 260 ± 5
up to 1.5 to 2.0 mm from
℃
℃
the root of terminal for 3.5 ± 0.5 sec ( 10 ± 1 sec. for 260 ± 5
).
℃
Pre-treatment:
Capacitor shall be stored at 85±2
for 1hour.then placed
℃
at
1
※ room condition for 24±2hours before initial
measurements.
Post-treatment:
Capacitor shall be stored for 1 to 2hours at
1
※ room
condition.
Appearance No marked defect.
I.R.
1000 M
min.
Dielectric
Strength
Per item 7.3.3
7.3.11
Soldering
Effect
(On-Preheat)
Capacitance
Y5P,Y5U,Y5V:
Within ±10 %
SL,CH:
Within±2.5﹪or
±0.25pF,Whichever is large.
First the capacitor should be stored at 120+0/-5
for 60
℃
+0/-5 sec.
Then , as in figure , the lead wires should be immersed solder
of 260+0/-5
up to 1.5 to 2.0 mm from the root of terminal
℃
for 7.5+0/-1 sec.
Pre-treatment:
Capacitor shall be stored at 85±2
for 1hour.then placed
℃
at
1
※ room condition for 24±2hours before initial
measurements.
Post-treatment:
Capacitor shall be stored for 1 to 2hours at
1
※ room
condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com