Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 13Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 14Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 15Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 16Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 17Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 16 / 18
II.
Voltage Applied Method
When the withstanding voltage is applied, capacitor’s lead or terminal shall be firmly
connected to the output of the withstanding voltage test equipment, and then the voltage
shall be raised from near zero to the test voltage.
If the test voltage without the raise from near zero voltage would be applied directly
to capacitor, test voltage should be applied with the *zero cross. At the end of the test
time, the test voltage shall be reduced to near zero, and then capacitor's lead or terminal
shall be taken off the output of the withstanding voltage test equipment.
If the test voltage without the raise from near zero voltage would be applied directly
to capacitor, the surge voltage may arise, and therefore, the defective may be caused.
ZERO CROSS is the point where voltage sine wave
pass 0V.- See the right figure.
(4). Fail-Safe
When capacitor would be broken, failure may result in a short circuit. Be sure to provide an
appropriate fail-safe function like a fuse on your product if failure would follow an electric
shock, fire or fume.
Failure to follow the above cautions may result, worst case, in a short circuit and cause fuming
or partial dispersion when the product is used.
9.2 Caution (Storage and operating condition):
Operating and storage environment
The insulating coating of capacitors does not form a perfect seal; therefore, do not use or store
capacitors in a corrosive atmosphere, especially where chloride gas, sulfide gas, acid, alkali, salt
or the like are present. And avoid exposure to moisture. Before cleaning, bonding, or molding
this product, verify that these processes do not affect product quality by testing the performance
of a cleaned, bonded or molded product in the intended equipment. Store the capacitors where
the temperature and relative humidity do not exceed –10 to 40 degrees centigrade and 15 to 85
%. Use capacitors within 6 months.
"Failure to follow the above cautions may result, worst case, in a short circuit and cause
fuming or partial dispersion when the product is used."
9.3 Caution (Soldering and Mounting):
9.3.1 Vibration and impact:
Do not expose a capacitor or its leads to excessive shock or vibration during use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com