Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 13Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 10 / 18
7. Specification and test method:
7.1 Operating Temperature Range: -40 to +125°C
7.2 Test condition:
Test and measurement shall be made at the standard condition. (temperature 15~35
, relative humidity 45~75%
℃
and atmospheric pressure 860~1060hpa). Unless otherwise specified herein.
If doubt occurred on the value of measurement, and measurement was requested by customer capacitors shall be
measured at the reference condition. (temperature 20±2
or25 ± 2
, relative humidity 60~70% and atmospheric
℃
℃
pressure 860~1060hpa.)
7.3 Performance:
No
Items
Performance
Testing method
7.3.1
Appearance
And dimension
The appearance and dimension
shall be as given in section 3.
Visual check.
7.3.2
Marking
The marking shall be easily
legible. (As given section 5)
Visual check.
Between
terminals
No failure.
The capacitors shall not be damage when AC4000V
(rms.) are applied between the lead wires for 60sec.
(Charge/Discharge current ≤ 50mA.)
7.3.3
Withstand
voltage
Body
Insulation
No failure.
First. The terminals of the capacitor shall be closely
wrapped around the body of the capacitor distance of
about 3 to 4mm from each terminal. Then, the
capacitor shall be inserted into a container filled with
metal balls of about 1mm diameter. Finally, AC4000V
(rms.) is applied for 60sec between the capacitor lead
wires and metal balls. (Charge/Discharge current ≤
50mA.
)
7.3.4
Insulation
Resistance
Between
terminals
10000M
or more.
The insulation resistance shall be measured with
DC500±50V within 60±5sec of charging.
7.3.5
Capacitance
Within specified tolerance.
7.3.6
Dissipation
Factor(tanδ) or Q
Y5P、Y5U:D.F.
2.5%
≦
Y5V:D.F.
5.0%
≦
CH&SL:
30pF&above:
1000
≧
Below 30PF:
400+20×C
≧
Y5P&Y5U&Y5V: The capacitance shall be measured
at 20±2
with 1kHz±20% and 5V(rms.) or less.
℃
CH&SL: The capacitance shall be measured at 25℃
with 1MHz±20% and1.0±0.2Vrms
7.3.7
Temperature
Characteristic
The capacitance measurement shall be made at each
step specified in Table 1.
Pre-treatment:
Capacitor shall be stored at 85±2
for 1hour, then
℃
placed at
1
※ room condition for 24±2hours before
measurements.
7.3.8
Solderability of Leads
Lead wire should be
soldered
with
uniform
coating
on
the
axial
direction over
3/4
of the
circumferential direction.
The lead wire of capacitor should be dipped into
molten solder for 5 ± 0.5 sec.
The depth of immersion is up to about 1.5 to 2.0 mm
from the root of lead wires.
Temp. of solder:Lead Free Solder ( Sn-3Ag-0.5Cu)
245±5℃
Table 1
Step
Temperature (℃)
1
+20±2
2
-25±2
3
+20±2
4
+85±2
5
+20±2
Char. Capacitance Change
Y5P Within ± 10%
Y5U Within ±
2
5
0
5%
Y5V Within –80 ~ +30%
CH
0
±60ppm/℃
SL
-1000~+350
ppm/
℃
(+20
~+85
℃
℃)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com