Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 3Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 4Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 5Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 7 / 18
4. Taping Format:
POE Part Number
*BAMD0 / *DAMD0 / *XAMD0
Item
Symbol
Dimensions(mm)
Pitch of component
P
25.4 ± 2
Pitch of sprocket
P0
12.7 ± 0.3
Lead spacing
F
10.0 ± 1.0
Length from hole center to component
center
P2
12.7 ± 1.5
Length from hole center to lead
P1
7.7 ± 1.5
Body diameter
D
See the “3. Part numbering/T.C/Capacitance/ Tolerance/Diameter”
Deviation along tape, life or right
S
△
0 ± 2.0
Carrier tape width
W
18.0 +1/ -0.5
Position of sprocket hole
W1
9.0 ± 0.5
Lead distance between the kink and
center of sprocket hole
H0
18.0 +2.0/-0
(For: *DAMD0 & *XAMD0)
Lead distance between the bottom of
body and the center of sprocket hole
H
20.0+1.5/-1.0
(For: *BAMD0)
Length from the terminal of the lead
wire to the edge of carrier tape
2.0min (Or the end of lead wire may be inside the hole-down tape.)
Diameter of sprocket hole
D0
4.0 ± 0.2
Lead diameter
φd
0.55 ±0.05
Total tape thickness
t1
0.6 ± 0.3
Total thickness, tape and lead wire
t2
1.5 max.
h1
△
2.0 max.
Deviation across tape
h2
△
2.0 max
Portion to cut in case of defect
L
11.0 max.
Hole-down tape width
W0
8.0 min
Hole-down tape distortion
W2
1.5 ± 1.5
Coating extension on leads
e
3.0 max for straight lead style; Not exceed the kink leads for kink lead.
Body thickness
T
See the “3. Part numbering/T.C/Capacitance/ Tolerance/Diameter”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com