Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 13Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 14Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 15Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 16Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 17Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 15 / 18
9. Notices:
9.1 Caution (Rating):
(1). Operating Voltage
Be sure to maintain the Vp-p value of the applied voltage or the Vo-p which contains DC bias
within the rated voltage range.
When the voltage is started to apply to the circuit or it is stopped applying, the irregular
voltage may be generated for a transit period because of resonance or switching. Be sure to
use a capacitor within rated voltage containing this irregular voltage.
(2). Operating Temperature and Self-generated Heat
Keep the surface temperature of a capacitor below the upper limit of its rated operating
temperature range. Be sure to take into account the heat generated by the capacitor itself.
When the capacitor is used in a high-frequency current, pulse current or the like, it may have
the self-generated heat due to dielectric-loss.
Applied voltage should be the load such as self-generated heat is within 20
on the
℃
condition of atmosphere temperature 25
. When measuring, use a the
℃
rmocouple of small
thermal capacity-K of φ0.1mm and be in the condition where capacitor is not affected by
radiant heat of other components and wind of surroundings. Excessive heat my lead to
deterioration of the capacitor’s characteristics and reliability.
(3). Test condition for withstanding Voltage
I. Test Equipment
Test equipment for AC withstanding voltage shall be used with the performance of the
wave similar to 50/60 Hz sine waves.
If the distorted sine wave or over load exceeding the specified voltage value is applied, the
defective may be caused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com