Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 4Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 5Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 8 / 18
5. Marking:
1.Type Designation
AH
2.Nominal Capacitance
3-digit-system
3.Capacitance Tolerance
C:±0.25pF,D:±0.5pF,J:±5%,K:±10%,M:±20%
4.Company Name Code(Trade mark)
5. Products ID
Abbreviation ex.:
6.Approved Monogram:
(1) VDE approval mark
IEC 60384-14
Class Code:X1:400V~,Y1:250V~ or400V~
(2) UL approval mark
(6) DEMKO approval mark
(3) CSA approval mark
(7) FIMKO approval mark
(4) SEMKO approval mark
(8) SEV approval mark
(5) NEMKO approval mark
(9) CQC approval mark
Normal marking
YP*AH102K*****
(Special marking)
Two sides
(
(
(
(for SAP part number 10-11
digits ≤
≤
≤
≤“
“
“
“07
07
07
07 ”
”
”
”
products)
)
)
)
One side
(
(
(
(for SAP part number 10-11
digits ≥
≥
≥
≥“
“
“
“08
08
08
08”
”
”
”
products)
)
)
)
0AH
1AH
* Marking by the laser.
*“
“
“
“
C”:
:
:
:Marked with code “ _ ” stand for Halogen and Pb free epoxy resin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com