Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AH472M Datasheet HTML 1Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 2Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 3Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 4Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 5Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 6Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 7Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 2 / 18
Record of change
Date
Version
Description
page
2008.6.3
1
1.D22-00-E-01( before) → POE-D10-00-E-01(1
st edition)
2008.8.22
2
1 Complete lead code
2. Add last SAP code “ H” for halogen and Pb free , epoxy resin..
21
3
2008.12.12
3
1. Complete the 13
th to 17th codes of SAP P/N.
2. Page layout adjustment.
4-5
2009.7.8
4
1 Change PSA & POE logo to Walsin & POE logo.
2.Complete Marking statement.
3.Revised standard NO. of SEV, SEMKO, FIMKO, NEMKO, DEMKO and
KEMA.
Revised recognized NO. of FIMKO, NEMKO, DEMKO and KEMA.
10
12
2009.9.14
5
1. H0: 18.0+2.0/-1.5 revised to 18.0+2.0/-0
2. “Protrusion length”: “+0.5to-1.0” revised to “2.0max (Or the end of lead
wire may be inside the tape.)”
3. Add “250V~” under the “UL” mark according to the product’s marking.
9
9
10
2009.12.24
6
1. Marking
2. Correct X1 of recognized No by KTL.
3. Revised the Figure of impulse voltage test(Item 7.3.14) according to the
standard IEC 60384-14 ed.3
4. Add “1AH” code for Y1:400V marking type.
10
11
14
4
2011.1.11
7
1. Review SAP P/N about diameter code:
YU*AH561K100*
YU*AH561K080*
2. Delete “AT” taping type.
3. Add test item “Temperature Cycle ” .
4. Add item 10 “Drawing of internal structure and material list”
6
4,5,8,9
14
19
2011.5.12
8
1. Review the safety standards approval and recognized no.
2. Delete “old P/N”
3. Add the special marking for P/N:YP*AH102K100
10
5~6
9
2012.1.30
9
1. Review the approval rated voltage of UL and the marking.
8~9
2012/4/6
10
In order to improve the traceability of the product, change the date code on
capacitor body, new date code can trace back to production “Lot No.”
8
2013/5/13
11
1. Review the Lead diameter φ from 0.60 +0.1/-0.05mm to 0.55+/-0.05mm
2. Add“3.1Norminal parts&3.2 special for surge parts” for “3. Part
numbering/T.C/Capacitance/ Tolerance/Diameter”
3. In order the customer to know the round time of manufacture, change the
date code on capacitor body, new date code can know the month of
manufacture.
4. Delete “No marked with “ _” stand for Pb free”.
5. Delete “When the TCC is Y5V(YV), there is a “F” between the “AH” and
capacitance code.”
6. Review the Solderability time from 2 ±0.5s to 5±0.5s
5,6,7
6
8
8
8
11
2013/10/16 12
1. Review the “Manufactured Date” to “Products ID” on the marking page
2. Delete “The marking can be printed on either one side or two side of
coating body.”and add “for SAP
part number 10-11 digits ≤‘07’
products”to two sides and “for SAP part number 11-12 digits ≥‘08 ’
products”to one side.
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com