Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH472M Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AH472M
Description  CERAMIC DISC CAPACITOR SAFETY RECOGNIZED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH472M Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AH472M Datasheet HTML 8Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 9Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 10Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 11Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 12Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 13Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 14Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 15Page - List of Unclassifed Manufacturers AH472M Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
POE-D10-00-E-13
SAFETY STANDARDS REGULATED, REINFORCED
INSULATION TYPE, AH SERIES
Ver: 13
Page: 12 / 18
No
Items
Performance
Testing method
Appearance No marked defect.
Capacitance
Y5P: Within ±10%
Y5U: Within ±20%
Y5V: Within ±30%
SL&CH:
Within±2.5﹪or
±0.25pF,Whichever is large.
D.F.
Y5P,Y5U:5.0% max.
Y5V:7.5% max.
7.3.12
Humidity
(Under steady
State)
Set the capacitor for 500±12hours at 40±2
in 90 to 95%
℃
relative humidity.
Then capacitor shall be stored for 1 to 2 hours at
1
※ room
condition.
Q
SL&CH:
Less than 30pF=>
Q≧
100+10×C/3
More than 30pF=>
Q≧
200
I.R.
Y5P&Y5U&Y5V:
3000M
min.
SL&CH: 1000M
min.
7.3.13
Humidity
Loading
Dielectric
Strength
Per Item 7.3.3
Apply the rated voltage for 500±12 hours at 40±2
in
℃
90 to 95% relative humidity and set it for 1 to 2 hours
at
1
※ room condition.
Appearance No marked defect.
Capacitance
Y5P&Y5U&Y5V:
Within ±20%
SL&CH:
Within±3﹪or
±0.3pF,Whichever is large.
I.R.
3000M
min.
SL&CH: 1000M
min.
7.3.14
Life
Dielectric
Strength
Per Item 7.3 3
Impulse Voltage
Each individual capacitor shall be subjected to 8kV
impulses for three times. After the capacitors are
applied to life test.
Fig. 2
The specimen capacitors are placed in a circulating air
oven for a period of 1000 hours. The air in the oven is
maintained at a temperature of
125±3
. Throughout the test, the capacitors are
℃
subjected to an AC425Vrms.(for 0AH type) or
AC680Vrms.(for 1AH type) alternating voltage of
mains frequency, except that once each hour the
voltage is increased to AC1000V(rms.) for 0.1 sec.
7.3.15
Flame Test
The capacitor flame
discontinues as follows.
The capacitor shall be subjected to applied for 15 sec
and then removed for 15 sec until 5 cycles.
Fig. 5
(unit: mm)
Cycle
Time
1~4
30sec max.
5
60sec max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com