Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 26 of 64
Figure 86. Input Switch Configuration
INPUT MULTIPLEXER
The ADA4255 input multiplexer withstands input voltages up to
±60 V with respect to VSSH and 60 V differentially. As shown in
Figure 86, the multiplexer switches between the two sets of inputs
and features additional switch functionality on the output of the mul-
tiplexer. Input switching is controlled via the INPUT_MUX register.
The A1, A2, B1, and B2 switches connect the different inputs to the
amplifier. The C1 and C2 switches connect the multiplexer outputs
to the test multiplexer. Switch D12 connects both inputs together.
The input multiplexer features <140 dB of crosstalk.
If excessive input voltage is detected by the input multiplexer,
MUX_OVER_VOLT_ERR in the ANALOG_ERR register trips.
When this error flag is set, the multiplexer automatically opens
A1, A2, B1, and B2 to protect the input amplifier and input
resistor network. This error flag can be disabled by setting
MUX_OVER_VOLT_ERR_DIS (Register ANALOG_ERR_DIS). By
default, both sets of inputs cannot be selected simultaneously. This
protection can be overridden via the MUX_PROT_DIS bit in the
ANALOG_ERR_DIS register.
EMI REDUCTION AND THE INTERNAL EMI
FILTER
In many industrial and data acquisition applications, the ADA4255
amplifies small signals accurately in the presence of large com-
mon-mode voltages or high levels of noise. Typically, the sources
of these small signals (in the order of microvolts or millivolts)
are sensors that may be a significant distance from the signal
conditioning circuit. Although these sensors may be connected to
signal conditioning circuitry using shielded or unshielded twisted
pair cabling, the cabling may act as an antenna, conveying high
frequency interference directly to the inputs of the ADA4255.
The amplitude and frequency of this high frequency interference
can have an adverse effect on the input stage of the instrumenta-
tion amplifier due to unwanted dc shift in the input offset voltage of
the amplifier. This well known effect is called EMI rectification and
is produced when out of band interference is coupled (inductively,
capacitively, or via radiation) and rectified by the input transistors of
the instrumentation amplifier. These transistors act as high frequen-
cy signal detectors, in the same way diodes were used as RF
envelope detectors in early radio designs. Regardless of the type
of interference or the method by which it is coupled to the circuit,
an out of band error signal appears in series with the inputs of the
instrumentation amplifier.
To minimize this effect, the ADA4255 has 35 MHz on-chip EMI
filters to attenuate high frequencies before interacting with the input
transistors. These on-chip filters are well matched due to their
monolithic construction, which minimizes degradation in ac CMRR.
To reduce any further effect of these out of band signals on the
input offset voltage of the ADA4255, an additional external low-pass
filter can be used at the inputs. Locate the filter very close to the
input pins of the circuit. An effective filter configuration is shown in
Figure 87 where three capacitors are added to the ADA4255
inputs. The filter limits the input signal according to the following
relationship:
Filter FrequencyDIFF= 12πR2CD+CC
(2)
Filter FrequencyCM= 12πRCC
(3)
where:
CD is the differential capacitor and is ≥10CC.
CC is the common-mode capacitor.
CD affects the difference signal, and CC affects the common-mode
signal. Any mismatch in R × CC degrades the ADA4255 CMRR.
To avoid inadvertently reducing CMRR bandwidth performance,
ensure that CC is at least one magnitude smaller than CD. The
effect of mismatched CC values is reduced with a larger CD:CC
ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com