Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 51 of 64
GPIO DATA REGISTER (GPIO_DATA) DETAILS
Table 18. GPIO_DATA Register Details (Register 0x05)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
Reserved
GPIO_DATA[6:0]
Access
Reserved
R/W
Reset
Reserved
0
0
0
0
0
0
0
Bits[6:0], GPIO_DATA[6:0]—GPIO Data Values
When a GPIOx pin is configured as an output, writing a 1 to the cor-
responding GPIO_DATA bit causes that GPIOx pin to output a logic
high. Conversely, writing a 0 to the corresponding GPIO_DATA bit
causes that GPIOx pin to output a logic low.
When a GPIOx pin is configured as an input, each GPIO_DATA bit
indicates whether the voltage on the corresponding GPIOx pin is
a logic high or logic low. Reading a 1 indicates a logic high, and
reading a 0 indicates a logic low. Writing to the GPIO_DATA bits
that are configured as inputs has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com