Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 58 of 64
ERROR CONFIGURATION REGISTER
(ERR_CFG) DETAILS
Table 27. ERR_CFG Register Details (Register 0x0D)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
ERR_LATCH_DIS
Reserved
ERR_DELAY[3:0]
Access
R/W
Reserved
R/W
R/W
R/W
R/W
Reset
0
Reserved
0
1
0
0
Bit 7, ERR_LATCH_DIS—Disable Error
Latching
By default, ERR_LATCH_DIS is cleared to 0 and error flags are
latched and require resetting. Setting ERR_LATCH_DIS to 1 makes
the errors appear transparently (nonlatching) on the respective out-
puts. When ERR_LATCH_DIS is set to 1, errors can be suppressed
for the time interval configured by the ERR_DELAY bits.
Bits[3:0], ERR_DELAY[3:0] —Error
Suppression Time
When ERR_LATCH_DIS is set to 1, ERR_DELAY determines the
number of clock cycles an error must remain present before the
error flag is tripped, which eliminates false trips due to noise and
transients.
Table 28. Error Flag Suppression Time
ERR_DELAY[3:0]
Clock Cycles (µs)
0x0
0
0x1
1
0x2
2
0x3
3
0x4
4
0x5
5
0x6
6
0x7
7
0x8
8
0x9
12
0xA
16
0xB
24
0xC
32
0xD
48
0xE
64
0xF
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com