Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Data Sheet
ADA4255
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 41 of 64
PROGRAMMABLE LOGIC CONTROLLER (PLC)
VOLTAGE AND CURRENT INPUT
The circuit in Figure 107 shows the ADA4255 used to convert a
typical PLC input signal ranges (±10 V, ±5 V, or 20 mA) to an
output voltage from 0 V to +5 V, compatible with high precision
ADCs, such as the AD7768. To perform a voltage measurement,
the ADA4255 input multiplexer is configured to Channel 1, +IN1 and
–IN1, by writing 0x60 to the INPUT_MUX register. The MOSFET
switch must be turned off by setting GPIO0 to logic level low.
GPIO0 must be configured as an output by setting the correspond-
ing bit field to 1 in the GPIO_DIR register. The state of GPIO0 is
controlled by the corresponding bit field in the GPIO_DATA register.
The ADA4255 gain can be configured through the GAIN_MUX
register, depending on the input voltage level.
To perform a current measurement, the circuit shown in Figure 107
provides two different shunt resistors, 250 Ω and 100 Ω. To select a
250 Ω resistor, the metal-oxide semiconductor field effect transistor
(MOSFET) switch must be switched on by setting GPIO0 to logic
level high using the GPIO_DATA register. The measurement is
performed using Channel 1 of the ADA4255. To select 100 Ω, the
MOSFET must be turned off by setting GPIO0 to logic level low.
Channel 2 must be selected in this mode by writing 0x18 to the
INPUT_MUX register.
The ADA4255 internal chopping circuitry can be synchronized to
the companion ADC, which keeps the residual chopping noise
at the correct frequency and prevents it from folding back to a
frequency band of interest. To use the synchronization functionality,
configure GPIO4 to be an input by setting the corresponding bit
field in the GPIO_DIR register. Set the ADA4255 to accept an exter-
nal clock by setting the EXT_CLK_IN bit in the SF_CFG register.
Adjust the clock divider such that the resulting clock is equal to 1
MHz. The divider can be adjusted in the SYNC_CFG register. The
SYNC_CFG register also controls the synchronizing edge polarity. It
is recommended that two reads from the M_CLK_CNT register are
performed to ensure that the master clock counter is incrementing,
indicating that the ADA4255 is receiving an external clock.
The ADA4255 on-chip diagnostics allow the user to check the
circuit connections. In PLC applications, the circuit connections are
verified using the wire break detection capabilities of the ADA4255.
The WB_DETECT register flag is set if one of the input connections
is missing. Finally, the CRC check, SCLK counter, and SPI read
and/or write check make the interface more robust as any read
and/or write operations that are not valid are detected. The CRC
check highlights if any bits are corrupted when transmitted between
the processor and the ADA4255.
Figure 107. Voltage and Current Input Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com