Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4255ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
Data Sheet
ADA4255
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 64
TA = 25°C, VDDCP = 5 V, AVDD = 5 V, AVSS = 0 V, DVDD = 3.3 V, DVSS = 0 V, VOCM = AVDD/2, scaling gain = 1, and no load, unless
otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OFFSET VOLTAGE
Total offset, referred to input (RTI) = VOSI + (VOSO/Gain)
Differential Offset Voltage
Input Offset Voltage (VOSI)
±3
±14
μV
Output Offset Voltage (VOSO)
±40
±125
μV
Differential Offset Voltage Drift
TA = −40°C to +105°C1, total offset drift, RTI = VOSI/T +
((VOSO/T)/ Gain)
VOSI/T
±0.03
±0.08
μV/°C
VOSO/T
±0.98
±2.5
μV/°C
Differential Offset Voltage vs. VDDCP
Power Supply Rejection Ratio
(PSRR), RTI
VDDCP = 2.7 V to 5.5 V
Gain (G) = 1/16 V/V
60
73
dB
G = 1 V/V
84
97
dB
G = 128 V/V
113
130
dB
Differential Offset Voltage vs. AVDD
(PSRR), RTI
AVDD − AVSS = 2.7V to 5.5V
G = 1/16 V/V
68
76
dB
G = 1 V/V
92
100
dB
G = 128 V/V
115
130
dB
Differential Offset vs. External Clock
Frequency, RTI
Clock frequency = 0.8 MHz to 1.2 MHz
G = 1/16 V/V
±0.2
μV/kHz
G = 1 V/V
±0.1
μV/kHz
G = 128 V/V
±0.002
μV/kHz
CMRR, RTI
+IN = −IN = (VSSH + 3 V) to (VDDH − 3 V)
G = 1/16 V/V
87
98
dB
G = 1 V/V
111
122
dB
G = 128 V/V
138
150
dB
GAIN
Output voltage (VOUT) = 9.5 V p-p2
Input Gain Range
1/16 to 128
V/V
Output Scaling Gain Settings
1, 1.25, 1.375
V/V
Gain Error
Before Calibration
All gains
<±0.06
±0.12
%
Using Calibration Coefficient
All gains
<±0.01
±0.025
%
Gain Drift
All Gains Except the Following:
TA = −40°C to +105°C1
<±0.3
±1
ppm/°C
TA = −40°C to +105°C1, G = 1/16 V/V, all scaling gains
<±0.5
±1.5
ppm/°C
TA = −40°C to +105°C1, G = 32 V/V, all scaling gains
<±0.4
±1.5
ppm/°C
TA = −40°C to +105°C1, G = 64 V/V, all scaling gains
<±0.6
±2
ppm/°C
TA = −40°C to +105°C1, G = 128 V/V, all scaling gains
<±1.5
±4
ppm/°C
Nonlinearity
All gains except 32 V/V, 64 V/V, and 128 V/V2, 3
5
15
ppm
G = 32 V/V
7.5
ppm
G = 64 V/V
12
ppm
G = 128 V/V
15
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com