Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Data Sheet
ADA4255
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 43 of 64
HIGH RAIL CURRENT SENSING
Figure 109 shows a high-side current sense amplifier implemented
with ADA4255. The integrated charge pump PGIA topology of the
ADA4255 allows this circuit to sense bidirectional current over a
38 V range on a single 5 V supply voltage. The low offset voltage,
low offset voltage drift, low input current, and excellent linearity
allow this configuration to achieve very high dynamic range.
While the ADA4255 features an integrated EMI filter, an additional
low-pass filter can be used externally as shown. The ADA4255 has
low input bias current and input bias offset current that minimizes
the error introduced by the input bias current flowing through the
filter resistor. The matching of the filter resistors and capacitors is
required to minimize the errors and preserve AC CMRR.
The ADA4255 on-chip diagnostics allow the user to check the
circuit connections. In current sensing applications, the circuit con-
nections are verified using the wire break detection capabilities
of the ADA4255. The WB_DETECT register flag is set if one of
the connections to the shunt resistors is missing. Finally, the CRC
check, SCLK counter, and SPI read and/or write check make the
interface more robust because any read and/or write operations
that are not valid are detected. The CRC check highlights if any
bits are corrupted when transmitted between the processor and the
ADA4255.
Figure 109. High Voltage, Bidirectional, Current Sense Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com