Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 29 of 64
OUTPUT RIPPLE CALIBRATION
CONFIGURATION
The amplifiers inside the ADA4255 achieve zero drift by using a
technique commonly referred to as chopping. When chopping is
used to null the offset of an amplifier, the unchopped offsets are
modulated to the frequency at which the chopping is performed. All
chopping amplifiers feature this phenomenon, which is commonly
referred to as ripple.
The ADA4255 instrumentation amplifier features a proprietary cali-
bration routine that reduces the residual voltage ripple at the output
of the ADA4255 by nulling the internal offsets of all amplifiers.
This calibration occurs automatically when the ADA4255 is initially
powered on, after a POR_HV event, or after a soft reset occurs.
Further calibrations can be performed either on a scheduled or
triggered basis.
While the ADA4255 is calibrating, the SW_A1, SW_A2, SW_B1,
and SW_B2 bits (Register INPUT_MUX) are temporarily opened
and the amplifier inputs are internally connected to AVSS through
the SW_C1 and SW_C2 bits (Register INPUT_MUX). After a cali-
bration completes, the switches return to their previous states.
Two calibration types can be selected via the CAL_SEL bit
(Register TEST_MUX): full calibration or quick calibration.
A full calibration sequentially calibrates each individual amplifier
and fully computes a new calibration code. This calibration takes
approximately 85 ms. Full calibration always occurs after power-up,
after a POR_HV event, or after a soft reset.
A quick calibration calculates a new calibration code for all amplifi-
ers at the same time. The calibration code of each amplifier is then
adjusted by an incremental amount. This type of calibration takes
approximately 8 ms.
By default, calibrations only occur after power-up, after a POR_HV
event, or after a reset. Additional scheduled calibrations are config-
ured via CAL_EN (Register TEST_MUX), or are triggered via the
TRIG_CAL bit (Register TRIG_CAL).
When scheduled calibrations are configured via the CAL_EN bits
(Register TEST_MUX), the selected calibration type occurs at the
rate configured via the CAL_EN bits.
Calibrations can also be manually triggered via the TRIG_CAL bit
(Register TRIG_CAL).
The internal offsets, which are nulled by the ADA4255 calibration
routine, can change when the circuit or the environmental condi-
tions change. Changes in temperature, supply voltage, common-
mode input voltage, time, and so on, can all cause an increase in
output ripple. Recalibrations, either triggered or scheduled, renull
internal offsets and reduce residual output ripple.
During a calibration, noise can limit the ability of the ADA4255
to fully null internal offsets and fully reduce the residual output
ripple. Proper decoupling and shielding techniques help ensure ac-
curate calibrations. Avoid large input transients during calibrations.
Calibrations typically reduce the output ripple to <200 μV rms, but
results as high as 5 mV rms can be observed in the presence of
noise or input transients. If excessive residual ripple is detected,
subsequent calibrations can be performed to reduce the output
ripple.
ADC synchronization and simple filtering, either passive or active,
are also effective methods in reducing residual output ripple. These
techniques are discussed in detail in the External Clock Synchroni-
zation section and the Output Amplifier section.
GENERAL-PURPOSE INPUTS AND OUTPUTS
(GPIOS)
The ADA4255 features several multifunction GPIOx pins. These
GPIOx pins can be configured to either read a logic input or output
a logic signal. A GPIOx pin is configured as an input or an output
using the GPIO_DIR register. The bit position in the GPIO_DIR
register corresponds to the GPIOx pin number. For example, the bit
at Position 0 controls the GPIO0 direction.
The GPIO_DATA register sets the GPIO output when a GPIOx pin
is configured as an output. The GPIO_DATA register also reads
the data at the GPIOx pin when a GPIO is configured as an input.
The bit field position in the GPIO_DATA register corresponds to the
GPIOx pin number. For example, the bit at Position 0 corresponds
to GPIO0.
The ADA4255 GPIOx pins can be configured to perform additional
special functions.
Each GPIO can be configured as an output to extend the chip
select signal from the SPI master to other slave devices. This
special functionality is referred to as sequential chip select and is
particularly useful in limiting the number of communication lines
that need to be routed and/or isolated in a system. This special
functionality is controlled by the SCS register.
GPIO0 and GPIO1 can also be configured as external multiplexer
control signals. This function is enabled in the special function
register, SF_CFG. After GPIO0 and GPIO1 are configured as
outputs, the EXT_MUX bit field in the GAIN_MUX register controls
the state of GPIO0 and GPIO1, allowing the gain and the external
mux setting to be modified with one write operation.
GPIO2 can be configured to output a calibration busy signal. This
function is enabled via the CAL_BUSY_OUT bit
(Register SF_CFG). The calibration busy signal indicates that the
ADA4255 is performing a calibration routine. GPIO2 must be con-
figured as an output to use this special function.
GPIO3 can be configured to output a fault interrupt signal. This
signal is an OR function of all the analog and digital error indicators
found in the ANALOG_ERR and DIGITAL_ERR registers. This
function is enabled via the FAULT_INT_OUT bit
(Register SF_CFG). GPIO3 must be configured as an output to use
this special function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com