Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
Data Sheet
ADA4255
DIGITAL INTERFACE
analog.com
Rev. 0 | 38 of 64
CRC CALCULATION
The checksum, which is 8 bits wide, is generated using the follow-
ing polynomial (with a seed of 0x00):
x8 + x2 + x + 1 (0b100000111)
To generate the checksum, the data is left shifted by 8 bits to create
a number ending in eight Logic 0s. The polynomial is aligned so
that its MSB is adjacent to the leftmost Logic 1 of the data. An
exclusive OR (XOR) function is applied to the data to produce a
new, shorter number. The polynomial is again aligned so that its
MSB is adjacent to the leftmost Logic 1 of the new result, and the
procedure is repeated. This process is repeated until the original
data is reduced to a value less than the polynomial. This is the 8-bit
checksum.
Figure 103. Calculating a CRC Checksum
MEMORY MAP CHECKSUM PROTECTION
For added robustness, a CRC calculation is performed on the
on-chip registers as well. Register 0x03, Register 0x04, and
Register 0x05 are not included in this check because the contents
of these registers change, independent of SPI writes. The CRC is
performed at a rate of 15.26 Hz. Each time the register map is
changed using an SPI write, the CRC is recalculated.
The memory map CRC function is enabled by default. This
function can be disabled via the MM_CRC_ERR_DIS bit
(Register DIGITAL_ERR_DIS). If an error occurs, the
MM_CRC_ERR bit (Register DIGITAL_ERR) trips.
Figure 104. Verifying Data with a CRC Checksum
READ-ONLY MEMORY (ROM) CHECKSUM
PROTECTION
On power-up, all fuse registers are set to the default values.
These default values are held in ROM. For added robustness, a
CRC calculation is performed on the ROM contents as well. This
CRC check is performed on power-up. The ROM CRC function is
enabled by default. This function can be disabled via the ROM_
CRC_ERR_DIS bit (Register DIGITAL_ERR_DIS). If an error oc-
curs, the ROM_CRC_ERR bit (Register DIGITAL_ERR) trips.
SPI READ AND WRITE ERROR DETECTION
The ADA4255 can detect if an invalid register is being addressed.
A read or write to an invalid address trips the SPI_RW_ERR bit
(Register DIGITAL_ERR). The SPI_RW_ERR bit is enabled by
default, and this bit can be disabled via the SPI_RW_ERR_DIS bit
(Register DIGITAL_ERR_DIS).
SPI COMMAND LENGTH ERROR DETECTION
When communicating with the ADA4255, the number of clock
edges on SCLK is monitored to ensure that, when CS returns
high, the total number of clock edges received is divisible by 8.
If the number of SCLK edges is insufficient or in excess, the
SPI_ SCLK_CNT_ERR bit (Register DIGITAL_ERR) trips. The
SPI_SCLK_CNT_ERR is enabled by default, and this bit can be
disabled via the SPI_SCLK_CNT_ERR_DIS bit
(Register DIGITAL_ERR_DIS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com