Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 55 of 64
ANALOG ERROR MASK REGISTER
(ANALOG_ERR_DIS) DETAILS
The ANALOG_ERR_DIS register can be used to mask individual error flags in the ANALOG_ERR register. Setting bits in ANALOG_ERR_DIS
to 1 disables the corresponding error flag.
Table 24. ANALOG_ERR_DIS Register Details (Register 0x0A)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
G_RST_
DIS
POR_HV_
DIS
Reserved
WB_ERR_
DIS
MUX_PROT_DIS
OUTPUT_ERR_DIS
INPUT_
ERR_DIS
MUX_OVER_VOLT_ERR_DIS
Access
R/W
R/W
Reserved
R/W
R/W
R/W
R/W
R/W
Reset
0
0
Reserved
0
0
0
0
0
Bit 7, G_RST_DIS—Disable Gain Reset Error
Flag
The G_RST_DIS bit disables the G_RST error flag
Bit 6, POR_HV_DIS—Disable High Voltage
Power Reset Flag
The POR_HV_DIS bit disables the POR_HV error flag.
Bit 4, WB_ERR_DIS—Disable Wire Break
Detection Flag
The WB_ERR_DIS bit disables the WB_ERR error flag.
Bit 3, MUX_PROT_DIS—Disable Input
Multiplexer Protection
By default, the input multiplexer does not allow both sets of inputs
to be connected at the same time (this is a safety feature). This
protection can be disabled by setting MUX_PROT_DIS to 1.
Bit 2, OUTPUT_ERR_DIS—Disable Output
Amplifier Error Flag
The OUTPUT_ERR_DIS bit disables the OUTPUT_ERR error flag.
Bit 1, INPUT_ERR_DIS—Disable Input Amplifier
Error Flag
The INPUT_ERR_DIS bit disables the INPUT_ERR error flag.
Bit 0, MUX_OVER_VOLT_ERR_DIS—Disable
Multiplexer Overvoltage Flag
The MUX_OVER_VOLT_ERR_DIS bit disables the
MUX_OVER_VOLT_ERR error flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com