Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Data Sheet
ADA4255
THEORY OF OPERATION
analog.com
Rev. 0 | 35 of 64
TEST MULTIPLEXER
The ADA4255 contains an internal test multiplexer, as shown in
Figure 96, that connects the inputs of the ADA4255 to useful
voltages. To use the test multiplexer, the C1 and C2 switches must
be closed. These switches are controlled using the INPUT_MUX
register. It is recommended that the input multiplexer be disconnect-
ed from any external inputs by opening the A1, A2, B1, and B2
switches.
The TEST_MUX bits in the TEST_MUX register control the test
multiplexer. The test multiplexer can be configured in three different
states as follows:
►
In the default state, the test multiplexer connects the ADA4255
inputs to AVSS. This configuration can be used during a full
system calibration to null out errors, such as offset voltage.
►
The test multiplexer can connect the noninverting input to DVSS
and the inverting input to AVSS, or vice versa. This configuration
can be used to detect any voltage difference between AVSS and
DVSS, which indicates poor connection.
►
The test multiplexer can also provide a +20 mV or −20 mV differ-
ential signal to the inputs of the ADA4255. This configuration can
be used to verify the gain setting of the ADA4255 and the PGIA
functionality without applying an external signal.
EXTERNAL MUX CONTROL
The ADA4255 is able to configure GPIO0 and GPIO1 to control an
external multiplexer. Writes to the EXT_MUX bits in the GAIN_MUX
register set the state of GPIO0 and GPIO1, which in turn controls
an external multiplexer. This setup allows amplifier gain and exter-
nal multiplexer settings to be configured with a single SPI write,
avoiding overload conditions. The external mux special function can
be configured via the EXT_MUX_EN bits (Register SF_CFG) and
setting GPIO0 and GPIO1 to outputs, as shown in Figure 97.
Figure 96. Text Multiplexer Connectivity
Figure 97. External Multiplexer Control Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com