Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 53 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADA4255ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
Data Sheet
ADA4255
REGISTER DETAILS
analog.com
Rev. 0 | 53 of 64
WIRE BREAK DETECT REGISTER
(WB_DETECT) DETAILS
Table 20. WB_DETECT Register Details (Register 0x07)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit Name
WB_G_RST_DIS
Reserved
SW_F1
SW_F2
WB_CURRENT[1:0]
Access
R/W
Reserved
R/W
R/W
R/W
Reset
0
Reserved
0
0
1
0
Figure 111. Wire Break Current Connectivity
Bit 7, WB_G_RST_DIS—Wire Break Gain Reset
Disable
The WB_G_RST_DIS bit can be set to 1 to prevent the gain
settings in the GAIN_MUX register from being overridden to
1/16 V/V when the SW_F1 bit or the SW_F2 bit are set to 1.
Bit 3, SW_F1, and Bit 2, SW_F2—Fault Switch
Selection
The SW_F1 bit and the SW_F2 bit are used to connect the wire
break current sources to the inputs, as shown in Figure 111. Setting
SW_F1 or SW_F2 to 1 closes each corresponding switch. Both
switches can be closed simultaneously. When SW_F1 or SW_F2
are set to 1 and WB_G_RST_DIS is cleared to 0, the gain settings
in the GAIN_MUX register are temporarily overridden to the default
values. Reading the GAIN_MUX register while SW_F1 or SW_F2
are set to 1 does not show this temporary override. When SW_F1
or SW_F2 are cleared to 0, the gain is also restored to the previous
value.
Bits[1:0], WB_CURRENT—Detection Current
Selection
Table 21 shows four different current values that can be used for
wire break detection. Both current sources are set to the program-
med value. The comparator used to detect a wire break event has a
threshold at approximately 4 V from VDDH.
Table 21. Wire Break Detect Current Values
WB_CURRENT[1:0] Bits
Current Source
Value
Threshold VDDCP =
5 V
Bit 1
Bit 0
0
0
250 nA
73.2 MΩ
0
1
2 μA
9.15 MΩ
1
0
4 μA (default)
4.58 MΩ
1
1
16 μA
1.14 MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com