Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4255ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4255ACPZ-R7
Description  Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4255ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4255ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4255ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
Data Sheet
ADA4255
Zero Drift, High Voltage, Programmable Gain
Instrumentation Amplifier with Charge Pump
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Integrated bipolar charge pump
►
Simplified isolation requirements
►
Wide input range on low voltage supplies
►
Dedicated output amplifier supplies for ADC protection
►
Low power: 83 mW (DVDD = 3 V, VDDCP = 5 V)
►
36 precision gains from 1/16 V/V to 176 V/V
►
Robust ±60 V protected 2:1 input multiplexer
►
Excellent dc precision
►
Low input offset voltage: ±14 μV maximum
►
Low input offset voltage drift: ±0.08 μV/°C maximum
►
Gain calibration via internal memory
►
Low gain drift: ±1 ppm/°C maximum
►
High CMRR: 111 dB minimum, G = 1 V/V
►
Low input bias current: ±1.5 nA maximum at TA = 25℃
►
Integrated input EMI filtering
►
7 GPIOx ports with special functions
►
Sequential chip select mode
►
Excitation current source
►
SPI port with checksum (CRC) support
►
Internal/external fault detection
►
Compact 28-lead, 5 mm × 5 mm LFCSP
►
Specified temperature range: −40°C to +105°C
APPLICATIONS
►
Universal process control front ends
►
Data acquisition systems
►
Test and measurement systems
►
System power monitoring
GENERAL DESCRIPTION
The ADA4255 is a precision programmable gain instrumentation
amplifier (PGIA) with integrated bipolar charge pumps. With its inte-
grated charge pumps, the ADA4255 internally produces the high
voltage bipolar supplies needed to achieve a wide input voltage
range (38 V typical with VDDCP = 5 V) without lowering input
impedance. The charge pump topology of the ADA4255 allows
channels to be isolated with only low voltage components, reducing
complexity, size, and implementation time in industrial and process
control systems.
The zero drift PGIA topology of the ADA4255 self calibrates dc
errors and lower frequency 1/f noise, achieving excellent dc preci-
sion over the entire specified temperature range. The combination
of 36 precision gains ranging from 1/16 V/V to 176 V/V within the
ADA4255 and high voltage, high impedance inputs allow a wide
range of inputs to be scaled to the range of the analog-to-digital
converter (ADC). By integrating all gain setting and level shifting
resistors, the ADA4255 achieves excellent common-mode rejection
ratio (CMRR) performance (111 dB minimum at G = 1 V/V) and
extremely low gain drift (±1 ppm/℃ maximum). This high level of
precision maximizes dynamic range and greatly reduces calibration
requirements in many applications.
The ±60 V input protection, integrated electromagnetic interferance
(EMI) filtering and various safety features make the ADA4255 an
ideal choice for robust industrial systems. Seven general-purpose
input and output (GPIOx) pins, which can be configured to provide
various special functions, are included in the ADA4255. An excita-
tion current source output is available to bias sensors such as
resistance temperature detectors (RTDs).
The ADA4255 is specified over the −40°C to +105°C temperature
range and is offered in a compact 5 mm × 5 mm, 28-lead LFCSP.
SIMPLIFIED FUNCTIONAL BLOCK DIAGRAM
Figure 1. Simplified Functional Block Diagram
COMPANION PRODUCTS
►
ADCs: AD4007, AD7768, AD7175-2, AD7124-4
►
ADC Drivers: ADA4945-1, LTC6363
►
Voltage References: ADR4550, ADR3450, LT6656
►
Isolators: ADuM6421A Family, ADuM140D Family


Similar Part No. - ADA4255ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
ADA4254 AD-ADA4254 Datasheet
923Kb / 29P
36 V, Low Noise, Zero Drift Op Amp
Rev. 0
ADA4254ACPZ AD-ADA4254ACPZ Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
ADA4254ACPZ-R7 AD-ADA4254ACPZ-R7 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
ADA4254ACPZ-RL AD-ADA4254ACPZ-RL Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results

Similar Description - ADA4255ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LMP8358 NSC-LMP8358 Datasheet
1,015Kb / 32P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA280 TI-PGA280_15 Datasheet
1Mb / 46P
Zer첩-Drift, High-Voltage,Programmable Gain INSTRUMENTATION AMPLIFIER
LMP8358 TI1-LMP8358 Datasheet
1Mb / 40P
Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
logo
Analog Devices
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
ADA4254 AD-ADA4254 Datasheet
1Mb / 59P
Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com